Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSD1850 Datasheet(PDF) 27 Page - List of Unclassifed Manufacturers

Part # SSD1850
Description  CMOS LCD Segment / Common Driver with Controller
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SSD1850 Datasheet(HTML) 27 Page - List of Unclassifed Manufacturers

Back Button SSD1850 Datasheet HTML 23Page - List of Unclassifed Manufacturers SSD1850 Datasheet HTML 24Page - List of Unclassifed Manufacturers SSD1850 Datasheet HTML 25Page - List of Unclassifed Manufacturers SSD1850 Datasheet HTML 26Page - List of Unclassifed Manufacturers SSD1850 Datasheet HTML 27Page - List of Unclassifed Manufacturers SSD1850 Datasheet HTML 28Page - List of Unclassifed Manufacturers SSD1850 Datasheet HTML 29Page - List of Unclassifed Manufacturers SSD1850 Datasheet HTML 30Page - List of Unclassifed Manufacturers SSD1850 Datasheet HTML 31Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 56 page
background image
SSD1850/51 Series
Rev 1.2
01/2003
SOLOMON
23
mapped to 3 lines to 33 lines
respectively. Value 00000b disables the
N-line inversion, which is the POR
value. To avoid a fix polarity at some
lines, it should be noted that the total
number of mux (including the icon line)
should NOT be a multiple of the lines of
inversion (n).
50~56
0
1
0
1
0
B2
B1
B0
Set LCD Bias
Sets the LCD bias from 1/4 ~ 1/10
according to B2B1B0:
000: 1/4 bias
001: 1/5 bias
010: 1/6 bias
011: 1/7bias
100: 1/8 bias
101: 1/9 bias (POR for SSD1850)
110: 1/9 bias (SSD1850); 1/10 bias
(POR for SSD1851)
57~63
Reserved
Reserved
64~67
0
1
1
0
0
1
B1
B0
Set DC-DC
Converter Factor
Sets the DC-DC multiplying factor from
2X to 6X B1B0:
00: 2X/3X (POR, 2X or 3X multiplying
depended on the DC-DC converter
hardware configuration)
01: 4X
10: 5X
11: 5X (SSD1850); 6X (SSD1851)
68~80
Reserved
Reserved
81
1
X
0
X
0
C5
0
C4
0
C3
0
C2
0
C1
1
C0
Set Contrast
Control Register
The next command sets one of the 64
contrast levels. The darkness increase
as the contrast level increase. The level
is set to 32 after POR.
82
1
1
0
1
0
1
0
1
0
X3
0
X2
1
X1
0
X0
OTP Setting
Set the desired VL6 voltage value:
0000: original contrast
0001: original contrast +1 step
0010: original contrast +2 steps
0011: original contrast +3 steps
0100: original contrast +4 steps
0101: original contrast +5 steps
0110: original contrast +6 steps
0111: original contrast +7 steps
1000: original contrast -8 steps
1001: original contrast -7 steps
1010: original contrast -6 steps
1011: original contrast -5 steps
1100: original contrast -4 steps
1101: original contrast -3 steps
1110: original contrast -2 steps
1111: original contrast -1 step
83
1
0
0
0
0
0
1
1
OTP
Programming
Please refer the sequence of OTP
programming
84~87
Reserved
Reserved
88
1
WB3
0
WB2
0
WB1
0
WB0
1
WA3
0
WA2
0
WA1
0
WA0
Set White mode,
Frame 2
nd & 1st
89
1
WD3
0
WD2
0
WD1
0
WD0
1
WC3
0
WC2
0
WC1
1
WC0
Set White mode,
Frame 4
th & 3rd
Set gray scale mode and register.
These are two-byte commands used to
specify the contrast levels for the gray
scale, 4 levels available.
After power on reset,



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com