Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSD1850 Datasheet(PDF) 22 Page - List of Unclassifed Manufacturers

Part # SSD1850
Description  CMOS LCD Segment / Common Driver with Controller
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SSD1850 Datasheet(HTML) 22 Page - List of Unclassifed Manufacturers

Back Button SSD1850 Datasheet HTML 18Page - List of Unclassifed Manufacturers SSD1850 Datasheet HTML 19Page - List of Unclassifed Manufacturers SSD1850 Datasheet HTML 20Page - List of Unclassifed Manufacturers SSD1850 Datasheet HTML 21Page - List of Unclassifed Manufacturers SSD1850 Datasheet HTML 22Page - List of Unclassifed Manufacturers SSD1850 Datasheet HTML 23Page - List of Unclassifed Manufacturers SSD1850 Datasheet HTML 24Page - List of Unclassifed Manufacturers SSD1850 Datasheet HTML 25Page - List of Unclassifed Manufacturers SSD1850 Datasheet HTML 26Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 56 page
background image
SSD1850/51 Series
Rev 1.2
01/2003
SOLOMON
18
Oscillator Circuit
This module is an On-Chip low power RC oscillator circuitry (Figure 6). The oscillator generates the clock
for the DC-DC voltage converter. This clock is also used in the Display Timing Generator.
enable
Oscillation Circuit
enable
Buffer
Internal resistor
OSC2
OSC1
Oscillator
enable
(CL)
LCD Driving Voltage Generator and Regulator
This module generates the LCD voltage needed for display output. It takes a single supply input and
generates necessary bias voltages. It consists of:
1. 2X, 3X, 4X, 5X and 6X DC-DC voltage converter
*Note: SSD1850 works up to 5X only.
Please refer to application notes on P.42.
2. Voltage Regulator
Feedback gain control for initial LCD voltage. External resistors are connected between VSS and VR, and
between VR and VL6. These resistors are chosen to give the desired VL6 according to the following
equations:
G
V
R
R
1
V
con
1
2
6
L
*
*


+
=
ref
con
V
V
*
210
63
1
−
−
=
α
where Vref is the internally generated reference voltage with a known R1 and R2. Typical value for Vref
is 2.1V
R1 is the resistance of the resistor between VSS and VR.
R2 is the resistance of the resistors between VR and VL6.
α is the software contrast level from 0 to 63.
G = 1 if INTRS = VDD; REF = VDD
G = 0.80 if INTRS = VSS; REF = VDD
Internal pwell resistor
Figure 6. Oscillator Circuitry



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com