Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSD1850 Datasheet(PDF) 48 Page - List of Unclassifed Manufacturers

Part # SSD1850
Description  CMOS LCD Segment / Common Driver with Controller
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SSD1850 Datasheet(HTML) 48 Page - List of Unclassifed Manufacturers

Back Button SSD1850 Datasheet HTML 44Page - List of Unclassifed Manufacturers SSD1850 Datasheet HTML 45Page - List of Unclassifed Manufacturers SSD1850 Datasheet HTML 46Page - List of Unclassifed Manufacturers SSD1850 Datasheet HTML 47Page - List of Unclassifed Manufacturers SSD1850 Datasheet HTML 48Page - List of Unclassifed Manufacturers SSD1850 Datasheet HTML 49Page - List of Unclassifed Manufacturers SSD1850 Datasheet HTML 50Page - List of Unclassifed Manufacturers SSD1850 Datasheet HTML 51Page - List of Unclassifed Manufacturers SSD1850 Datasheet HTML 52Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 56 page
background image
SSD1850/51 Series
Rev 1.2
01/2003
SOLOMON
44
OTP Programming Circuit and Sequence
OTP (One Time Programming) is a method to adjust the VL6. In order to eliminate the variations of LCD
module in term of contrast level, OTP can be used to achieve the best contrast of every LCD modules.
OTP setting and programming should include two major steps of (1) Find the OTP offset and (2) OTP
programming as following,
Step 1. Find the OTP offset
(1) Hardware Reset (sending an active low reset pulse to RES pin)
(2) Send original initialization routines
(3) Set and display any test patterns
(4) Adjust the contrast value (0x81, 0x00~0x3F) until there is the best visual contrast
(5) OTP setting steps = Contrast value of the best visual contrast - Contrast value of original
initialization
Example 1:
Contrast value of original initialization = 0x20
Contrast value of the best visual contrast = 0x24
OTP setting steps = 0x24 - 0x20 = +4
OTP setting commands should be (0x82, 0xF4)
Example 2:
Contrast value of original initialization = 0x20
Contrast value of the best visual contrast = 0x1B
OTP setting steps = 0x1B - 0x20 = -5
OTP setting commands should be (0x82, 0xFB)
Step 2. OTP programming
(6) Hardware Reset (sending an active low reset pulse to RES pin)
(7) Enable Oscillator (0xAB)
(8) Connect an external VCC (see diagram below)
(9) Send OTP setting commands that we find in step 1 (0x82, 0xF0~0xFF)
(10)Send OTP programming command (0x83)
(11)Wait at least 2 seconds
(12)Hardware Reset
Verify the result by repeating step 1. (2) – (3)
R
+
SSD1850/51
VCC
RES
16-18V
Note: R = 1K ~ 10k ohm
C = 1u ~ 4.7u F
OTP Programming Circuit
C
(8)
(1) & (6) & (12)
GND
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com