Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSD1850 Datasheet(PDF) 28 Page - List of Unclassifed Manufacturers

Part # SSD1850
Description  CMOS LCD Segment / Common Driver with Controller
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SSD1850 Datasheet(HTML) 28 Page - List of Unclassifed Manufacturers

Back Button SSD1850 Datasheet HTML 24Page - List of Unclassifed Manufacturers SSD1850 Datasheet HTML 25Page - List of Unclassifed Manufacturers SSD1850 Datasheet HTML 26Page - List of Unclassifed Manufacturers SSD1850 Datasheet HTML 27Page - List of Unclassifed Manufacturers SSD1850 Datasheet HTML 28Page - List of Unclassifed Manufacturers SSD1850 Datasheet HTML 29Page - List of Unclassifed Manufacturers SSD1850 Datasheet HTML 30Page - List of Unclassifed Manufacturers SSD1850 Datasheet HTML 31Page - List of Unclassifed Manufacturers SSD1850 Datasheet HTML 32Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 56 page
background image
SSD1850/51 Series
Rev 1.2
01/2003
SOLOMON
24
8A
1
LB3
0
LB2
0
LB1
0
LB0
1
LA3
0
LA2
1
LA1
0
LA0
Set Light Gray
mode, Frame 2
nd
& 1
st
8B
1
LD3
0
LD2
0
LD1
0
LD0
1
LC3
0
LC2
1
LC1
1
LC0
Set Light Gray
mode, Frame 4
th
& 3
rd
8C
1
DB3
0
DB2
0
DB1
0
DB0
1
DA3
1
DA2
0
DA1
0
DA0
Set Dark Gray
mode, Frame 2
nd
& 1
st
8D
1
DD3
0
DD2
0
DD1
0
DD0
1
DC3
1
DC2
0
DC1
1
DC0
Set Dark Gray
mode, Frame 4
th
& 3
rd
8E
1
BB3
0
BB2
0
BB1
0
BB0
1
BA3
1
BA2
1
BA1
0
BA0
Set Black mode,
Frame 2
nd & 1st
8F
1
BD3
0
BD2
0
BD1
0
BD0
1
BC3
1
BC2
1
BC1
1
BC0
Set Black mode,
Frame 4
th & 3rd
WA0~3 = WB0~3 = WC0~3 = WD0~3 =
0000
LA0~3 = LB0~3 = LC0~3 = LD0~3 =
0000
DA0~3 = DB0~3 = DC0~3 = DD0~3 =
1111
BA0~3 = BB0~3 = BC0~3 = BD0~3 =
1111
Memory Content
1
st Byte
2
nd Byte
Gray Mode
0
0
1
1
0
1
0
1
White
Light Gray
Dark Gray
Black
90~97
1
0
0
1
0
FR
C
PW
M1
PW
M0
Set PWM and
FRC
Sets PWM and FRC for gray-scale
operation.
FRC = 0 : 4-frame (POR)
FRC = 1 : 3-frame
PWM1 PWM0 = 00 & 01 : 9-levels
(POR)
PWM1 PWM0 = 10 : 12-levels
PWM1 PWM0 = 11 : 15-levels
98~9F
Reserved
Reserved
A0~A1
1
0
1
0
0
0
0
S0
Set Segment Re-
map
S0=0: column address 00H is mapped
to SEG0 (POR)
S0=1: column address 7FH is mapped
to SEG0
A2~A3
1
0
1
0
0
0
1
C0
Set Icon Enable
C0=0: Disable icon row (Mux = 16 to
80/64, POR)
C0=1: Enable icon row (Mux = 17 to
81/65)
A4~A5
1
0
1
0
0
1
0
E0
Set Entire Display
On/Off
E0=0: Normal display (display
according to RAM contents, POR)
E0=1: All pixels are ON regardless of
the RAM contents
*Note: This command will override the
effect of “Set Normal/Inverse Display”
A6~A7
1
0
1
0
0
1
1
R0
Set
Normal/Inverse
Display
R0=0: Normal display (display
according to RAM contents, POR)
R0=1: Inverse display (ON and OFF
pixels are inverted)
*Note: This command will not affect the
display of the icon line
A8~A9
1
0
1
0
1
0
0
S0
Set Power Save
Mode
S0=0: Standby mode (POR)
S0=1: Sleep mode
AA
Reserved
Reserved
AB
1
0
1
0
1
0
1
1
Start Internal
Oscillator
Oscillator is OFF, after reset, until this
command is issued.
AC~AD
Reserved
Reserved
AE~AF
1
0
1
0
1
1
1
D0
Set Display
On/Off
D0=0: Display OFF (POR)
D0=1: Display ON



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com