Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSD1850 Datasheet(PDF) 44 Page - List of Unclassifed Manufacturers

Part # SSD1850
Description  CMOS LCD Segment / Common Driver with Controller
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SSD1850 Datasheet(HTML) 44 Page - List of Unclassifed Manufacturers

Back Button SSD1850 Datasheet HTML 40Page - List of Unclassifed Manufacturers SSD1850 Datasheet HTML 41Page - List of Unclassifed Manufacturers SSD1850 Datasheet HTML 42Page - List of Unclassifed Manufacturers SSD1850 Datasheet HTML 43Page - List of Unclassifed Manufacturers SSD1850 Datasheet HTML 44Page - List of Unclassifed Manufacturers SSD1850 Datasheet HTML 45Page - List of Unclassifed Manufacturers SSD1850 Datasheet HTML 46Page - List of Unclassifed Manufacturers SSD1850 Datasheet HTML 47Page - List of Unclassifed Manufacturers SSD1850 Datasheet HTML 48Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 56 page
background image
SSD1850/51 Series
Rev 1.2
01/2003
SOLOMON
40
TABLE 5b. Serial Timing Characteristics (TA = -40 to 85
°C, VDD = 1.8V, VSS =0V)
Symbol
Parameter
Min
Typ
Max
Unit
tcycle
Clock Cycle Time
70
-
-
ns
tAS
Address Setup Time
15
-
-
ns
tAH
Address Hold Time
10
-
-
ns
tCSS
Chip Select Setup Time
15
-
-
ns
tCSH
Chip Select Hold Time
10
-
-
ns
tDSW
Write Data Setup Time
15
-
-
ns
tOHW
Write Data Hold Time
15
-
-
ns
tCLKL
Clock Low Time
15
-
-
ns
tCLKH
Clock High Time
30
-
-
ns
tR
Rise Time
-
-
10
ns
tF
Fall Time
-
-
10
ns
Valid Data
t
cycle
t
DSW
t
AS
t
AH
SCK
D/C
SDA
CS
t
DHW
t
CLK L
t
CLKH
t
F
t
R
t
CSS
t
CS H
(Required if PS1 = H)
D7
D6
D5
D4
D3
D2
D1
D0
SCK
SDA
CS
Figure 3b. Serial Timing Characteristics (PS0=L)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com