Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSD1850 Datasheet(PDF) 23 Page - List of Unclassifed Manufacturers

Part # SSD1850
Description  CMOS LCD Segment / Common Driver with Controller
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SSD1850 Datasheet(HTML) 23 Page - List of Unclassifed Manufacturers

Back Button SSD1850 Datasheet HTML 19Page - List of Unclassifed Manufacturers SSD1850 Datasheet HTML 20Page - List of Unclassifed Manufacturers SSD1850 Datasheet HTML 21Page - List of Unclassifed Manufacturers SSD1850 Datasheet HTML 22Page - List of Unclassifed Manufacturers SSD1850 Datasheet HTML 23Page - List of Unclassifed Manufacturers SSD1850 Datasheet HTML 24Page - List of Unclassifed Manufacturers SSD1850 Datasheet HTML 25Page - List of Unclassifed Manufacturers SSD1850 Datasheet HTML 26Page - List of Unclassifed Manufacturers SSD1850 Datasheet HTML 27Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 56 page
background image
SSD1850/51 Series
Rev 1.2
01/2003
SOLOMON
19
3. Bias Divider
If the output op-amp buffer option in Set Power Control Register command is enabled, this circuit block
will divide the regulator output (VL6) to give the LCD driving levels (VL2 -VL5).
A low power consumption circuit design in this bias divider saves most of the display current comparing to
traditional design.
Stabilizing Capacitors (0.47~2uF) are required to be connected between these voltage level pins (VL2 -
VL5) and VSS. If the LCD panel loading is heavy, four additional resistors are suggested to add to the
application circuit as following:
4. Contrast Control
Software control of 64 voltage levels of LCD voltage.
5. Bias Ratio Selection circuitry
Software control of 1/4 to 1/10 bias ratio to match the characteristic of LCD panel.
Note: SSD1850 has 1/4 to 1/9 bias only.
6. Self adjust temperature compensation circuitry
Provide 2 different temperature compensation grade selections to satisfy the various liquid crystal
temperature grades. The grading can be selected by software control.
Default temperature coefficient (TC) value is -0.05%/
°C.
193 / 209 Bit Latch
A register carries the display signal information. In 128X65/81 display mode, data will be fed to the HV-
buffer Cell and level-shifted to the required level.
Level Selector
Level Selector is a control of the display synchronization.
Display voltage can be separated into two sets and used with different cycles. Synchronization is
important since it selects the required LCD voltage level to the HV Buffer Cell, which in turn outputs the
COM or SEG LCD waveform.
HV Buffer Cell (Level Shifter)
HV Buffer Cell works as a level shifter which translates the low voltage output signal to the required
driving voltage. The output is shifted out with an internal FRM clock which comes from the Display Timing
Generator. The voltage levels are given by the level selector which is synchronized with the internal M
signal.
Connections for heavy loading applications
+
+
+
+
+
RL
RL
RL
RL
C
2
C
2
C
2
C
2
C
2
VSS
VL2
VL3
VL4
VL5
VL6
VSS
Remarks:
1. C2 = 0.47~2.0uF
2. RL = 100K~1M (Optional)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com