Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSD1850 Datasheet(PDF) 25 Page - List of Unclassifed Manufacturers

Part # SSD1850
Description  CMOS LCD Segment / Common Driver with Controller
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SSD1850 Datasheet(HTML) 25 Page - List of Unclassifed Manufacturers

Back Button SSD1850 Datasheet HTML 21Page - List of Unclassifed Manufacturers SSD1850 Datasheet HTML 22Page - List of Unclassifed Manufacturers SSD1850 Datasheet HTML 23Page - List of Unclassifed Manufacturers SSD1850 Datasheet HTML 24Page - List of Unclassifed Manufacturers SSD1850 Datasheet HTML 25Page - List of Unclassifed Manufacturers SSD1850 Datasheet HTML 26Page - List of Unclassifed Manufacturers SSD1850 Datasheet HTML 27Page - List of Unclassifed Manufacturers SSD1850 Datasheet HTML 28Page - List of Unclassifed Manufacturers SSD1850 Datasheet HTML 29Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 56 page
background image
SSD1850/51 Series
Rev 1.2
01/2003
SOLOMON
21
LCD Panel Driving Waveform
The following is an example of how the Common and Segment drivers may be connected to a LCD panel.
The waveforms shown in Figure 7a and 7b illustrate the desired multiplex scheme with
N-line Inversion feature is disabled (default).
TIME SLOT
COM0
COM1
SEG0
SEG1
M
VL6
VL5
VL4
VL3
VL2
VSS
VL6
VL5
VL4
VL3
VL2
VSS
VL6
VL5
VL4
VL3
VL2
VSS
VL6
VL5
VL4
VL3
VL2
VSS
* Note: N is the number of multiplex ratio including Icon line. If it is enabled, N is equal to 80 for SSD1851 and 64 for SSD1850 on POR
1 2 3 4 5 6 7 8 9
. . . N*
1 2 3 4 5 6 7 8 9 . . . N
*
1 2 3 4 5 6 7 8 9 . .
N
*
1 2 3 4 5 6 7 8 9 . . . N
*
Figure 7b. LCD Driving Signal From SSD1850/51
COM1
COM2
COM3
COM4
COM5
COM6
COM7
E
G
1
E
G
2
E
G
3
E
G
4
COM0
E
G
0
Figure 7a. LCD Display Example “0”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com