Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSD1850 Datasheet(PDF) 38 Page - List of Unclassifed Manufacturers

Part # SSD1850
Description  CMOS LCD Segment / Common Driver with Controller
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SSD1850 Datasheet(HTML) 38 Page - List of Unclassifed Manufacturers

Back Button SSD1850 Datasheet HTML 34Page - List of Unclassifed Manufacturers SSD1850 Datasheet HTML 35Page - List of Unclassifed Manufacturers SSD1850 Datasheet HTML 36Page - List of Unclassifed Manufacturers SSD1850 Datasheet HTML 37Page - List of Unclassifed Manufacturers SSD1850 Datasheet HTML 38Page - List of Unclassifed Manufacturers SSD1850 Datasheet HTML 39Page - List of Unclassifed Manufacturers SSD1850 Datasheet HTML 40Page - List of Unclassifed Manufacturers SSD1850 Datasheet HTML 41Page - List of Unclassifed Manufacturers SSD1850 Datasheet HTML 42Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 56 page
background image
SSD1850/51 Series
Rev 1.2
01/2003
SOLOMON
34
AC ELECTRICAL CHARACTERISTICS
(TA=-40 to 85°C, Voltages referenced to VSS, VDD=VCI=2.7V, unless otherwise specified.)
Symbol
Parameter
Test Condition
Min
Typ
(at 25°C)
Max
Unit
FFRM
Frame Frequency
(SSD1851)
Fosc / [Mux x (FRAMEFQ+1) x PWM]
Display ON, Set 128 x 81
Graphic Display Mode,
Icon Line Enabled,
15PWM, Default frame
frequency setting
70
77.4
100
Hz
FFRM
Frame Frequency
(SSD1850)
Fosc / [Mux x (FRAMEFQ+1) x PWM]
Display ON, Set 128 x 65
Graphic Display Mode,
Icon Line Enabled,
15PWM, Default frame
frequency setting
70
76.9
100
Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com