Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSD1850 Datasheet(PDF) 18 Page - List of Unclassifed Manufacturers

Part # SSD1850
Description  CMOS LCD Segment / Common Driver with Controller
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SSD1850 Datasheet(HTML) 18 Page - List of Unclassifed Manufacturers

Back Button SSD1850 Datasheet HTML 14Page - List of Unclassifed Manufacturers SSD1850 Datasheet HTML 15Page - List of Unclassifed Manufacturers SSD1850 Datasheet HTML 16Page - List of Unclassifed Manufacturers SSD1850 Datasheet HTML 17Page - List of Unclassifed Manufacturers SSD1850 Datasheet HTML 18Page - List of Unclassifed Manufacturers SSD1850 Datasheet HTML 19Page - List of Unclassifed Manufacturers SSD1850 Datasheet HTML 20Page - List of Unclassifed Manufacturers SSD1850 Datasheet HTML 21Page - List of Unclassifed Manufacturers SSD1850 Datasheet HTML 22Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 56 page
background image
SSD1850/51 Series
Rev 1.2
01/2003
SOLOMON
14
FUNCTIONAL BLOCK DESCRIPTIONS
Command Decoder and Command Interface
This module determines whether the input data is interpreted as data or command. Data is directed to this
module based upon the input of the D/ C pin. If D/ C is high, data is written to Graphic Display Data RAM
(GDDRAM). If D/ C is low, the input at D0-D7 is interpreted as a Command and it will be decoded and
written to the corresponding command register.
Reset is of the same function as Power ON Reset (POR). Once RES receives a negative reset pulse of
about 1us, all internal circuitry will be back to its initial status. Refer to Command Description section for
more information.
MPU Parallel 6800-series Interface
The parallel interface consists of 8 bi-directional data pins (D0-D7), R/W( WR ), D/ C , E( RD ) and CS .
R/W( WR )
input High indicates a read operation from the Graphic Display Data RAM (GDDRAM) or the
status register. R/W( WR ) input Low indicates a write operation to Display Data RAM or Internal
Command Registers depending on the status of D/ C input. The E( RD ) and CS input serves as data latch
signal (clock) when they are high and low respectively. Refer to P.35, Figure 1 of parallel timing
characteristics for Parallel Interface Timing Diagram of 6800-series microprocessors.
In order to match the operating frequency of display RAM with that of the microprocessor, pipeline
processing is internally performed which requires the insertion of a dummy read before the first actual
display data read. This is shown in Figure 4 below.
Figure 4 - display data read with the insertion of dummy read
MPU Parallel 8080-series interface
The parallel interface consists of 8 bi-directional data pins (D0-D7), R/W( WR ), E( RD ), D/ C and CS . The
CS
input serves as data latch signal (clock) when it is low. Whether it is display data or status register
read is controlled by D/ C . R/W( WR ) and E( RD ) input indicate a write or read cycle when CS is low.
Refer to P.37, Figure 2 of parallel timing characteristics for Parallel Interface Timing Diagram of 8080-
series microprocessor.
Similar to 6800-series interface, a dummy read is also required before the first actual display data read.
R/W( WR )
Data bus
write column address
dummy read
data read1
data read 2
data read 3
N
n
n+1
n+2
E( RD )



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com