Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT32F22366 Datasheet(PDF) 39 Page - Holtek Semiconductor Inc

Part # HT32F22366
Description  32-Bit Arm Cortex -M3 Microcontroller, up to 256 KB Flash and 128 KB SRAM
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT32F22366 Datasheet(HTML) 39 Page - Holtek Semiconductor Inc

Back Button HT32F22366 Datasheet HTML 35Page - Holtek Semiconductor Inc HT32F22366 Datasheet HTML 36Page - Holtek Semiconductor Inc HT32F22366 Datasheet HTML 37Page - Holtek Semiconductor Inc HT32F22366 Datasheet HTML 38Page - Holtek Semiconductor Inc HT32F22366 Datasheet HTML 39Page - Holtek Semiconductor Inc HT32F22366 Datasheet HTML 40Page - Holtek Semiconductor Inc HT32F22366 Datasheet HTML 41Page - Holtek Semiconductor Inc HT32F22366 Datasheet HTML 42Page - Holtek Semiconductor Inc HT32F22366 Datasheet HTML 43Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 56 page
background image
Rev. 1.00
39 of 56
�ove��e� 0�� �01�
3�-Bit A��® Co�tex®-M3 MCU
HT3�F1�365/HT3�F1�366/HT3�F��366
USB PLL Characteristics
Table 16. USB PLL Characteristics
TA = �5 °C, unless otherwise specified.
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
fPLLI�
PLL input clock
—
4
—
16
MHz
fCK_PLL
PLL output clock
—
16
—
48
MHz
tLOCK
PLL lock ti�e
—
—
�00
—
μs
Memory Characteristics
Table 17. Flash Memory Characteristics
TA = �5 °C, unless otherwise specified.
Symbol
Parameter
Conditions
Min. Typ. Max.
Unit
�E�DU
�u��e� of gua�anteed p�og�a�/
e�ase cycles �efo�e failu�e
(Endu�ance)
TA = -40 °C ~ 85 °C
10
—
—
K cycles
TRET
Data �etention ti�e
TA = -40 °C ~ 85 °C
10
—
—
Yea�s
tPROG
Wo�d p�og�a��ing ti�e
TA = -40 °C ~ 85 °C
�0
—
—
μs
tERASE
Page e�ase ti�e
TA = -40 °C ~ 85 °C
�
—
—
�s
tMERASE
Mass e�ase ti�e
TA = -40 °C ~ 85 °C
10
—
—
�s
I/O Port Characteristics
Table 18. I/O Port Characteristics
TA = �5 °C, unless otherwise specified.
Symbol
Parameter
Conditions
Min.
Typ.
Max. Unit
IIL
Low level input
cu��ent
3.3 V I/O
VI = VSS� On-chip pull-
up �esiste� disa�led
—
—
3
μA
Reset
pin
—
—
3
μA
IIH
High level input
cu��ent
3.3 V I/O
VI = VDD� On-chip pull-
down �esiste� disa�led
—
—
3
μA
Reset
pin
—
—
3
μA
VIL
Low level input
voltage
3.3 V I/O
-0.5
—
0.35 VDD
V
Reset pin
-0.5
—
0.35 VDD
V
VIH
High level input
voltage
3.3 V I/O
0.65 VDD
—
VDD + 0.5
V
Reset pin
0.65 VDD
—
VDD + 0.5
V
VHYS
Sch�itt t�igge�
input voltage
hyste�esis
3.3 V I/O
—
0.1� VDD
—
�V
Reset pin
—
0.1� VDD
—
�V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com