Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT32F22366 Datasheet(PDF) 32 Page - Holtek Semiconductor Inc

Part # HT32F22366
Description  32-Bit Arm Cortex -M3 Microcontroller, up to 256 KB Flash and 128 KB SRAM
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT32F22366 Datasheet(HTML) 32 Page - Holtek Semiconductor Inc

Back Button HT32F22366 Datasheet HTML 28Page - Holtek Semiconductor Inc HT32F22366 Datasheet HTML 29Page - Holtek Semiconductor Inc HT32F22366 Datasheet HTML 30Page - Holtek Semiconductor Inc HT32F22366 Datasheet HTML 31Page - Holtek Semiconductor Inc HT32F22366 Datasheet HTML 32Page - Holtek Semiconductor Inc HT32F22366 Datasheet HTML 33Page - Holtek Semiconductor Inc HT32F22366 Datasheet HTML 34Page - Holtek Semiconductor Inc HT32F22366 Datasheet HTML 35Page - Holtek Semiconductor Inc HT32F22366 Datasheet HTML 36Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 56 page
background image
Rev. 1.00
3� of 56
�ove��e� 0�� �01�
3�-Bit A��® Co�tex®-M3 MCU
HT3�F1�365/HT3�F1�366/HT3�F��366
Pin Number
Pin
Name
Type
(1)
I/O Structure
(2)
Output
Driving
Description
100
LQFP
64
LQFP
48
LQFP
46
QFN
Default Function (AF0)
38
�6
�1
18
PB14
AI/O
33V
4/8/1�/16 �A XTALI�
39
��
��
19
PB15
AI/O
33V
4/8/1�/16 �A XTALOUT
40
VDD_5
P
—
—
Voltage fo� digital I/O
41
VSS_5
P
—
—
G�ound �efe�ence fo� digital I/O
4�
PD1
I/O
33V
4/8/1�/16 �A PD1
43
PD�
I/O
33V
4/8/1�/16 �A PD�
44
PD3
I/O
33V
4/8/1�/16 �A PD3
45
�8
�3
�0
PD4
I/O
33V
4/8/1�/16 �A PD4
46
�9
�4
�1
PD5
I/O
33V
4/8/1�/16 �A PD5
4�
30
PC0
I/O
33V
4/8/1�/16 �A PC0
48
31
PC1
I/O
33V
4/8/1�/16 �A PC1
49
3�
PC�
I/O
33V
4/8/1�/16 �A PC�
50
33
PC3
I/O
33V
4/8/1�/16 �A PC3
51
PD�
I/O
33V
4/8/1�/16 �A PD�
5�
PD8
I/O
33V
4/8/1�/16 �A PD8
53
34
�5
��
PA8
I/O
33V_PU
4/8/1�/16 �A PA8_BOOT0
54
35
�6
�3
PA9
I/O
33V_PU
4/8/1�/16 �A PA9_BOOT1
55
36
��
�4
PA10
I/O
33V
4/8/1�/16 �A PA10
56
3�
�8
�5
PA11
I/O
33V
4/8/1�/16 �A JTDO
5�
38
�9
�6
PA1�
I/O
33V_PU
4/8/1�/16 �A JTCK/SWCLK
58
39
30
��
PA13
I/O
33V_PU
4/8/1�/16 �A JTMS/SWDIO
59
40
31
�8
PA14
I/O
33V_PU
4/8/1�/16 �A JTDI
60
41
3�
�9
PA15
I/O
33V_PU
4/8/1�/16 �A JTRST
61
4�
VDD_�
P
—
—
Voltage fo� digital I/O
6�
43
VSS_�
P
—
—
G�ound �efe�ence fo� digital I/O
63
44
33
30
PB0
I/O
33V
4/8/1�/16 �A PB0
64
45
34
31
PB1
I/O
33V
4/8/1�/16 �A PB1
65
46
PC4
I/O
33V
4/8/1�/16 �A PC4
66
4�
PC5
I/O
33V
4/8/1�/16 �A PC5
6�
48
PC6
I/O
33V
4/8/1�/16 �A PC6
68
PD9
I/O
33V
4/8/1�/16 �A PD9
69
PD10
I/O
33V
4/8/1�/16 �A PD10
�0
PD11
I/O
33V
4/8/1�/16 �A PD11
�1
PD1�
I/O
33V
4/8/1�/16 �A PD1�
��
PD13
I/O
33V
4/8/1�/16 �A PD13
�3
PD14
I/O
33V
4/8/1�/16 �A PD14
�4
PD15
I/O
33V
4/8/1�/16 �A PD15
�5
PE0
I/O
33V
4/8/1�/16 �A PE0
35
3�
VDD_�
P
—
—
Voltage fo� digital I/O
36
33
VSS_�
P
—
—
G�ound �efe�ence fo� digital I/O
�6
49
3�
34
PB�
I/O
33V
4/8/1�/16 �A PB�
��
50
38
35
PB3
I/O
33V
4/8/1�/16 �A PB3
�8
51
39
36
PB4
I/O
33V
4/8/1�/16 �A PB4
�9
5�
40
3�
PB5
I/O
33V
4/8/1�/16 �A PB5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com