Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT32F22366 Datasheet(PDF) 37 Page - Holtek Semiconductor Inc

Part # HT32F22366
Description  32-Bit Arm Cortex -M3 Microcontroller, up to 256 KB Flash and 128 KB SRAM
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT32F22366 Datasheet(HTML) 37 Page - Holtek Semiconductor Inc

Back Button HT32F22366 Datasheet HTML 33Page - Holtek Semiconductor Inc HT32F22366 Datasheet HTML 34Page - Holtek Semiconductor Inc HT32F22366 Datasheet HTML 35Page - Holtek Semiconductor Inc HT32F22366 Datasheet HTML 36Page - Holtek Semiconductor Inc HT32F22366 Datasheet HTML 37Page - Holtek Semiconductor Inc HT32F22366 Datasheet HTML 38Page - Holtek Semiconductor Inc HT32F22366 Datasheet HTML 39Page - Holtek Semiconductor Inc HT32F22366 Datasheet HTML 40Page - Holtek Semiconductor Inc HT32F22366 Datasheet HTML 41Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 56 page
background image
Rev. 1.00
3� of 56
�ove��e� 0�� �01�
3�-Bit A��® Co�tex®-M3 MCU
HT3�F1�365/HT3�F1�366/HT3�F��366
External Clock Characteristics
Table 11. High Speed External Clock (HSE) Characteristics
TA = �5 °C, unless otherwise specified.
Symbol
Parameter
Conditions
Min. Typ. Max. Unit
VDD
Ope�ation Range
—
�.0
—
3.6
V
fHSE
High Speed Exte�nal oscillato�
f�equency (HSE)
—
4
—
16
MHz
CLHSE
Load capacitance
VDD = 3.3 V� RESR = 100 Ω
@ 16 MHz
—
—
��
pF
RFHSE
Inte�nal feed�ack �esisto� �etween
XTALI� and XTALOUT pins
VDD = 3.3 V
—
1
—
MΩ
RESR
Equivalent Se�ies Resistance
VDD = 3.3 V� CL = 1� pF
@ 16 MHz� HSEDR = 0
—
—
100
Ω
VDD = �.4 V� CL = 1� pF
@ 16 MHz� HSEDR = 1
—
—
�00
DHSE
HSE oscillato� Duty cycle
—
40
—
60
%
IDDHSE
HSE oscillato� cu��ent
consu�ption
VDD = 3.3 V
CL = 1� pF
HSEDR = 0
8 MHz
—
0.�5
—
�A
16 MHz
—
1
—
IPWDHSE
HSE oscillato� powe� down cu��ent VDD = 3.3 V
—
—
0.01
μA
tSUHSE
HSE oscillato� sta�tup ti�e
VDD = 3.3 V @ 8 MHz�
HSEDR = 0
—
—
4
�s
Table 12. Low Speed External Clock (LSE) Characteristics
TA = �5 °C, unless otherwise specified.
Symbol
Parameter
Conditions
Min.
Typ.
Max. Unit
VBAK
Ope�ation Range
—
�.0
—
3.6
V
fCK_LSE
F�equency of LSE
VBAK = �.0 V ~ 3.6 V
—
3�.�68
—
kHz
RF
Inte�nal feed�ack �esisto�
—
—
10
—
MΩ
RESR
Equivalent Se�ies
Resistance
VBAK = 3.3 V
30
—
TBD
kΩ
CL
Reco��ended load
capacitances
VBAK = 3.3 V
6
—
TBD
pF
IDDLSE
Oscillato� supply cu��ent
(High cu��ent �ode)
fCK_LSE = 3�.�68 kHz�
RESR = 50 KΩ, CL >= � pF
VBAK = �.0 V ~ �.� V�
TA = -40 °C ~ 85 °C
—
3.3
6.3
μA
Oscillato� supply cu��ent
(Low cu��ent �ode)
fCK_LSE = 3�.�68 kHz�
RESR = 50 KΩ, CL < � pF
VBAK = �.0 V ~ 3.6 V�
TA = -40 °C ~ 85 °C
—
1.8
3.3
μA
Powe� down cu��ent
—
—
—
0.01
μA
TSULSE
Sta�tup ti�e
(Low cu��ent �ode)
fCK_LSE = 3�.�68 kHz�
VBAK = �.� V ~ 3.6 V
—
�.5
—
s
�ote: The following guidelines a�e �eco��ended to inc�ease the �o�ustness of the c�ystal ci�cuit of
the HSE / LSE clock in the PCB layout phase.
1. The c�ystal oscillato� should �e located as close as possi�le to the MCU so that the t�ace
length would �e as sho�t as possi�le to �educe the pa�asitic capacitance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com