Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT32F22366 Datasheet(PDF) 23 Page - Holtek Semiconductor Inc

Part # HT32F22366
Description  32-Bit Arm Cortex -M3 Microcontroller, up to 256 KB Flash and 128 KB SRAM
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT32F22366 Datasheet(HTML) 23 Page - Holtek Semiconductor Inc

Back Button HT32F22366 Datasheet HTML 19Page - Holtek Semiconductor Inc HT32F22366 Datasheet HTML 20Page - Holtek Semiconductor Inc HT32F22366 Datasheet HTML 21Page - Holtek Semiconductor Inc HT32F22366 Datasheet HTML 22Page - Holtek Semiconductor Inc HT32F22366 Datasheet HTML 23Page - Holtek Semiconductor Inc HT32F22366 Datasheet HTML 24Page - Holtek Semiconductor Inc HT32F22366 Datasheet HTML 25Page - Holtek Semiconductor Inc HT32F22366 Datasheet HTML 26Page - Holtek Semiconductor Inc HT32F22366 Datasheet HTML 27Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 56 page
background image
Rev. 1.00
�3 of 56
�ove��e� 0�� �01�
3�-Bit A��® Co�tex®-M3 MCU
HT3�F1�365/HT3�F1�366/HT3�F��366
Clock Structure
4~16 MHz
HSE XTAL
8 MHz
HSI RC
3� kHz
LSI RC
Legend:
HSE = High Speed Exte�nal clock
HSI = High Speed Inte�nal clock
LSE = Low Speed Exte�nal clock
LSI = Low Speed Inte�nal clock
3�.�68 kHz
LSE OSC
WDTSRC
PLLSRC
AHB P�escale�
1���4�8�16�3�
FCLK
( f�ee �unning clock)
HCLKD
( to PDMA)
STCLK
(to SysTick)
CK_ADC IP
CK_WDT
WDTE�
CK_REF
CK_HSI/16
CK_HSE/16
CK_SYS/16
CKOUT
CKOUTSRC[�:0]
HSEE�
HSIE�
LSEE�(�ote1)
LSIE�(�ote1)
fCK_SYS,max = 96 MHz
CK_LSI
CK_LSE
CK_AHB/16
CK_HSI
CK_HSE
PCLK ( OPAx� AFIO�
ADC� SPIx� USARTx�
UARTx� I�Cx� I�S�
GPTMx� MCTMx�
BFTMx� EXTI� RTC�
SCI� WDT)
PLL
Clock
Monito�
PLLE�
CK_LSE
CK_PLL
DMAE�
ADCE�
CK_LSI
HCLKS
( to SRAM)
HCLKF
( to Flash)
CM3E�
FMCE�
CM3E�
SRAME�
1
0
RTCSRC(�ote1)
CK_RTC
RTCE�(�ote1)
1
0
1
0
�ote 1: Those cont�ol �its a�e located at RTC Cont�ol Registe�
(RTC_CTRL)
000
001
010
011
100
101
110
CK_SYS
SW[�:0]
8
CK_USB
fCK_USB = 48MHz
USBE�
HCLKC
( to Co�tex®-M3)
CM3E�
(cont�ol �y HW)
P�escale�
1 ~ 3�
CK_REF
CK_EBI
( to EBI)
EBIE�
Divide�
�
HCLKBM
( to Bus Mat�ix)
CM3E�
BME�
HCLKAPB0
( to APB0 B�idge)
CM3E�
APB0E�
HCLKAPB1
( to APB1 B�idge)
CM3E�
APB1E�
CK_CRC
( to CRC)
CRCE�
Pe�iphe�als
Clock
P�escale�
1���4�8
P�escale�
1� �
ADC
P�escale�
1���4�6�8...
00
01
10
11
PCLK
PCLK/�
PCLK/4
PCLK/8
SPIE�
SCIE�
CK_GPIO
( to GPIO po�t)
GPIOEE�
GPIOAE�
CKREFE�
HSI Auto
T�i��ing
Cont�olle�
CK_LSE
USB F�a�e Pulse
CK_SDIO
( to SDIO)
SDIOE�
CK_AES
( to AES)
AESE�
USBPLLSRC
USB
PLL
USBPLLE�
1
0
USBSRC
0
1
00x
011
010
111
110
USBPRE
CKREFPRE
CK_USBPLL
P�escale�
1 ~ 3�
CSIFMPRE
Divide�
�
CK_MCK
CSIFME�
CSIF_MCK
fCSIF_MCK ≥ fCK_CSIF/3 MHz
CK_CSIF
( to CSIF)
CSIFE�
Figure 3. Clock Structure



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com