Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT32F22366 Datasheet(PDF) 20 Page - Holtek Semiconductor Inc

Part # HT32F22366
Description  32-Bit Arm Cortex -M3 Microcontroller, up to 256 KB Flash and 128 KB SRAM
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT32F22366 Datasheet(HTML) 20 Page - Holtek Semiconductor Inc

Back Button HT32F22366 Datasheet HTML 16Page - Holtek Semiconductor Inc HT32F22366 Datasheet HTML 17Page - Holtek Semiconductor Inc HT32F22366 Datasheet HTML 18Page - Holtek Semiconductor Inc HT32F22366 Datasheet HTML 19Page - Holtek Semiconductor Inc HT32F22366 Datasheet HTML 20Page - Holtek Semiconductor Inc HT32F22366 Datasheet HTML 21Page - Holtek Semiconductor Inc HT32F22366 Datasheet HTML 22Page - Holtek Semiconductor Inc HT32F22366 Datasheet HTML 23Page - Holtek Semiconductor Inc HT32F22366 Datasheet HTML 24Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 56 page
background image
Rev. 1.00
�0 of 56
�ove��e� 0�� �01�
3�-Bit A��® Co�tex®-M3 MCU
HT3�F1�365/HT3�F1�366/HT3�F��366
Memory Map
Rese�ved
0x400C_A000
Rese�ved
Rese�ved
Rese�ved
Rese�ved
Rese�ved
Rese�ved
CMP
Rese�ved
0x4004_A000
Rese�ved
Rese�ved
Rese�ved
0x400�_�000
Rese�ved
0x400�_5000
Rese�ved
USB
GPIOA~E
EBI
�56 KB on-chip Flash
0x0000_0000
Rese�ved
0x0004_0000
Boot loade�
0x1F00_0000
Rese�ved
0x1F00_�000
Option �yte alias
0x1FF0_0000
�56 KB
8 KB
1 KB
Rese�ved
0x1FF0_0400
Code
SRAM
Pe�iphe�al
Up to
1�8 KB on-chip SRAM
0x�000_0000
Rese�ved
0x�00�_0000
SRAM �it �and alias
0x��00_0000
Rese�ved
0x���0_0000
Up to
1�8 KB
� MB
APB pe�iphe�als
0x4000_0000
AHB pe�iphe�als
0x4008_0000
Rese�ved
0x4010_0000
APB/AHB �it �and alias
0x4�00_0000
Rese�ved
0x4400_0000
P�ivate pe�iphe�al �us
0xE000_0000
Rese�ved
0xE010_0000
0xFFFF_FFFF
51� KB
51� KB
3� MB
USART0
0x4000_0000
UART0
0x4000_1000
SPI0
0x4000_4000
Rese�ved
0x4000_5000
ADC
0x4001_0000
0x4001_1000
Rese�ved
AFIO
0x400�_�000
Rese�ved
0x400�_3000
EXTI
0x400�_4000
I�S
0x400�_6000
MCTM0
0x400�_C000
0x400�_D000
MCTM1
USART1
0x4004_0000
UART1
0x4004_1000
SCI0
0x4004_3000
Rese�ved
0x4004_5000
SPI1
0x4004_4000
I�C0
0x4004_8000
Rese�ved
0x4005_9000
I�C1
0x4004_9000
Rese�ved
0x4006_9000
WDT
0x4006_8000
Rese�ved
0x4006_B000
RTC/PWRCU
0x4006_A000
GPTM0
0x4006_E000
Rese�ved
0x400�_0000
GPTM1
0x4006_F000
BFTM0
0x400�_6000
Rese�ved
0x400�_8000
BFTM1
0x400�_�000
APB0
APB1
FMC
0x4008_0000
Rese�ved
0x4008_�000
CKCU/RSTCU
0x4008_8000
CRC-16/3�
0x4008_A000
PDMA
0x4009_0000
0x4009_8000
0x400A_0000
Rese�ved
0x400B_0000
0x400F_FFFF
AHB
EBI Selection Bank
Rese�ved
0x6000_0000
0x�000_0000
64 MB
x 4
AES
CSIF
SDIO
0x400A_8000
0x400C_8000
0x400C_C000
Rese�ved
SCI1
0x4003_A000
0x400�_E000
0x4000_�000
0x4003_C000
0x4004_�000
0x4005_8000
0x4008_C000
0x4009_�000
0x4009_A000
0x400A_�000
0x400A_C000
0x400B_A000
Figure 2. Memory Map



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com