Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT32F22366 Datasheet(PDF) 52 Page - Holtek Semiconductor Inc

Part # HT32F22366
Description  32-Bit Arm Cortex -M3 Microcontroller, up to 256 KB Flash and 128 KB SRAM
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT32F22366 Datasheet(HTML) 52 Page - Holtek Semiconductor Inc

Back Button HT32F22366 Datasheet HTML 48Page - Holtek Semiconductor Inc HT32F22366 Datasheet HTML 49Page - Holtek Semiconductor Inc HT32F22366 Datasheet HTML 50Page - Holtek Semiconductor Inc HT32F22366 Datasheet HTML 51Page - Holtek Semiconductor Inc HT32F22366 Datasheet HTML 52Page - Holtek Semiconductor Inc HT32F22366 Datasheet HTML 53Page - Holtek Semiconductor Inc HT32F22366 Datasheet HTML 54Page - Holtek Semiconductor Inc HT32F22366 Datasheet HTML 55Page - Holtek Semiconductor Inc HT32F22366 Datasheet HTML 56Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 52 / 56 page
background image
Rev. 1.00
5� of 56
�ove��e� 0�� �01�
3�-Bit A��® Co�tex®-M3 MCU
HT3�F1�365/HT3�F1�366/HT3�F��366
SAW Type 46-pin (6.5mm×4.5mm) QFN Outline Dimensions
D2
b
E2
L
1
10
23
24
32
33
46
9
e
D
E
A1
A3
A
Symbol
Dimensions in inch
Min.
Nom.
Max.
A
0.031
0.033
0.035
A1
0.000
0.001
0.00�
A3
—
0.008 BSC
—
�
0.006
0.008
0.010
D
0.�54
0.�56
0.�58
E
0.1�5
0.1��
0.1�9
e
—
0.016 BSC
—
D�
0.19�
0.�01
0.�05
E�
0.118
0.1��
0.1�6
L
0.01�
0.016
0.0�0
Symbol
Dimensions in mm
Min.
Nom.
Max.
A
0.80
0.85
0.90
A1
0.00
0.0�
0.04
A3
—
0.�0 BSC
—
�
0.15
0.�0
0.�5
D
6.45
6.50
6.55
E
4.45
4.50
4.55
e
—
0.40 BSC
—
D�
5.00
5.10
5.�0
E�
3.00
3.10
3.�0
L
0.30
0.40
0.50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com