Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT32F22366 Datasheet(PDF) 49 Page - Holtek Semiconductor Inc

Part # HT32F22366
Description  32-Bit Arm Cortex -M3 Microcontroller, up to 256 KB Flash and 128 KB SRAM
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT32F22366 Datasheet(HTML) 49 Page - Holtek Semiconductor Inc

Back Button HT32F22366 Datasheet HTML 45Page - Holtek Semiconductor Inc HT32F22366 Datasheet HTML 46Page - Holtek Semiconductor Inc HT32F22366 Datasheet HTML 47Page - Holtek Semiconductor Inc HT32F22366 Datasheet HTML 48Page - Holtek Semiconductor Inc HT32F22366 Datasheet HTML 49Page - Holtek Semiconductor Inc HT32F22366 Datasheet HTML 50Page - Holtek Semiconductor Inc HT32F22366 Datasheet HTML 51Page - Holtek Semiconductor Inc HT32F22366 Datasheet HTML 52Page - Holtek Semiconductor Inc HT32F22366 Datasheet HTML 53Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 56 page
background image
Rev. 1.00
49 of 56
�ove��e� 0�� �01�
3�-Bit A��® Co�tex®-M3 MCU
HT3�F1�365/HT3�F1�366/HT3�F��366
SD_CLK
CMD & DAT
(Output)
tIH(HS)
tOV(HS)
CMD & DAT
(Input)
tOH(HS)
tISU(HS)
Figure 15. SDIO High-speed Mode
CSIF Characteristics
Table 26. CSIF Electrical Characteristics
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
fMCK
CSIF_MCK clock f�equency output
—
—
—
48
MHz
fPCK
CSIF_PCK clock f�equency input
—
—
—
3�
MHz
�F
AHB clock and CSIF_PCK clock
input f�equency �atio
fPCLK/fCSIF_PCK
—
—
3
USB Characteristics
The USB interface is USB-IF certified – Full Speed.
Table 27. USB DC Electrical Characteristics
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
VDD
USB ope�ating voltage
—
3.0
—
3.6
V
VDI
Diffe�ential input sensitivity
|USBDP – USBDM|
0.�
—
—
V
VCM
Co��on �ode voltage
�ange
—
0.8
—
�.5
V
VSE
Single-ended �eceive�
th�eshold
—
0.8
—
�.0
V
VOL
Pad output low voltage
RL of 1.5 kΩ to VDD
0
—
0.3
V
VOH
Pad output high voltage
�.8
—
3.6
V
VCRS
Diffe�ential output signal
c�oss-point voltage
1.3
—
�.0
V
ZDRV
D�ive� output �esistance
—
—
10
—
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com