Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT32F22366 Datasheet(PDF) 34 Page - Holtek Semiconductor Inc

Part # HT32F22366
Description  32-Bit Arm Cortex -M3 Microcontroller, up to 256 KB Flash and 128 KB SRAM
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT32F22366 Datasheet(HTML) 34 Page - Holtek Semiconductor Inc

Back Button HT32F22366 Datasheet HTML 30Page - Holtek Semiconductor Inc HT32F22366 Datasheet HTML 31Page - Holtek Semiconductor Inc HT32F22366 Datasheet HTML 32Page - Holtek Semiconductor Inc HT32F22366 Datasheet HTML 33Page - Holtek Semiconductor Inc HT32F22366 Datasheet HTML 34Page - Holtek Semiconductor Inc HT32F22366 Datasheet HTML 35Page - Holtek Semiconductor Inc HT32F22366 Datasheet HTML 36Page - Holtek Semiconductor Inc HT32F22366 Datasheet HTML 37Page - Holtek Semiconductor Inc HT32F22366 Datasheet HTML 38Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 56 page
background image
Rev. 1.00
34 of 56
�ove��e� 0�� �01�
3�-Bit A��® Co�tex®-M3 MCU
HT3�F1�365/HT3�F1�366/HT3�F��366
5 Electrical Characteristics
Absolute Maximum Ratings
The following table shows the absolute maximum ratings of the device. These are stress ratings
only. Stresses beyond absolute maximum ratings may cause permanent damage to the device. Note
that the device is not guaranteed to operate properly at the maximum ratings. Exposure to the
absolute maximum rating conditions for extended periods may affect device reliability.
Table 5. Absolute Maximum Ratings
Symbol
Parameter
Min.
Max.
Unit.
VDD
Exte�nal �ain supply voltage
VSS - 0.3
VSS + 3.6
V
VDDA
Exte�nal analog supply voltage
VSSA - 0.3 VSSA + 3.6
V
VBAT
Exte�nal �atte�y supply voltage
VSS - 0.3
VSS + 3.6
V
VI�
Input voltage on othe� I/O
VSS - 0.3
VDD + 0.3
V
TA
A��ient ope�ating te�pe�atu�e �ange
-40
85
°C
TSTG
Sto�age te�pe�atu�e �ange
-55
150
°C
TJ
Maxi�u� junction te�pe�atu�e
—
1�5
°C
PD
Total powe� dissipation
—
500
�W
VESD
Elect�ostatic discha�ge voltage – hu�an �ody �ode
-4000
4000
V
Recommended DC Operating Conditions
Table 6. Recommended DC Operating Conditions
TA = �5 °C, unless otherwise specified.
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
VDD
I/O ope�ating voltage
—
�.0
3.3
3.6
V
VDDA
Analog ope�ating voltage
—
�.5
3.3
3.6
V
VBAT
Batte�y supply ope�ating voltage
—
�.0
3.3
3.6
V
On-Chip LDO Voltage Regulator Characteristics
Table 7. LDO Characteristics
TA = �5 °C, unless otherwise specified.
Symbol
Parameter
Conditions
Min. Typ. Max. Unit
VLDO
Inte�nal �egulato� output
voltage
VDD ≥ �.0 V Regulato� input
@ ILDO = 35 �A and voltage
va�iant = ±5%� Afte� t�i��ing
1.4�5 1.5
1.5�
V
ILDO
Output cu��ent
VDD = �.0 V Regulato� input
@ VLDO = 1.5 V
—
50
�5
�A
CLDO
External filter capacitor value
fo� inte�nal co�e powe� supply
The capacito� value is
dependent on the co�e powe�
cu��ent consu�ption
�.�
4.�
—
μF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com