Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT32F22366 Datasheet(PDF) 43 Page - Holtek Semiconductor Inc

Part # HT32F22366
Description  32-Bit Arm Cortex -M3 Microcontroller, up to 256 KB Flash and 128 KB SRAM
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT32F22366 Datasheet(HTML) 43 Page - Holtek Semiconductor Inc

Back Button HT32F22366 Datasheet HTML 39Page - Holtek Semiconductor Inc HT32F22366 Datasheet HTML 40Page - Holtek Semiconductor Inc HT32F22366 Datasheet HTML 41Page - Holtek Semiconductor Inc HT32F22366 Datasheet HTML 42Page - Holtek Semiconductor Inc HT32F22366 Datasheet HTML 43Page - Holtek Semiconductor Inc HT32F22366 Datasheet HTML 44Page - Holtek Semiconductor Inc HT32F22366 Datasheet HTML 45Page - Holtek Semiconductor Inc HT32F22366 Datasheet HTML 46Page - Holtek Semiconductor Inc HT32F22366 Datasheet HTML 47Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 56 page
background image
Rev. 1.00
43 of 56
�ove��e� 0�� �01�
3�-Bit A��® Co�tex®-M3 MCU
HT3�F1�365/HT3�F1�366/HT3�F��366
Symbol
Parameter
Conditions
Min. Typ. Max. Unit
tRT
Response ti�e
Input Ove�d�ive =
±100�V
High Speed �ode
VDDA ≥ 2.7 V
—
50
100
ns
VDDA < �.� V
—
100
�50
Low Speed �ode
—
�
5
μs
ICMP
Cu��ent Consu�ption
VDDA = 3.3 V
High Speed �ode
—
180
—
μA
Low Speed �ode
—
30
—
μA
tCMPST
Co�pa�ato� Sta�tup Ti�e Co�pa�ato� ena�led to output
valid
—
—
50
μs
ICMP_D�
Powe� Down Supply
Cu��ent
CMPE� = 0� CVREFE� = 0�
CVREFOE = 0
—
—
0.1
μA
Comparator Voltage Reference (CVR)
VCVR
Output Range
—
VSSA
—
VDDA
V
�Bits
CVR Scale� Resolution
—
—
6
—
�its
tCVRST
Setting Ti�e
CVR scale� setting ti�e f�o�
CVREF = “000000” to “111111”
—
—
100
μs
ICVR
Cu��ent Consu�ption
VDDA = 3.3 V
CVREFE� = 1� CMPREFOE = 0
—
65
—
μA
CVREFE� = 1� CVREFOE = 1
—
80
110
μA
�ote: Gua�anteed �y design� not tested in p�oduction.
GPTM/MCTM Characteristics
Table 21. GPTM/MCTM Characteristics
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
fTM
Ti�e� clock sou�ce fo� GPTM
and MCTM
—
—
—
96
MHz
tRES
Ti�e� �esolution ti�e
—
1
—
—
fTM
fEXT
Exte�nal single f�equency on
channel 1 ~ 4
—
—
—
1/�
fTM
RES
Ti�e� �esolution
—
—
—
16
�its
I2C Characteristics
Table 22. I2C Characteristics
Symbol
Parameter
Standard Mode Fast Mode Fast Mode Plus
Unit
Min.
Max.
Min. Max.
Min.
Max.
fSCL
SCL clock f�equency
—
100
—
400
—
1000
kHz
tSCL(H)
SCL clock high ti�e
4.5
—
1.1�5
—
0.45
—
μs
tSCL(L)
SCL clock low ti�e
4.5
—
1.1�5
—
0.45
—
μs
tFALL
SCL and SDA fall ti�e
—
1.3
—
0.34
—
0.135
μs
tRISE
SCL and SDA �ise ti�e
—
1.3
—
0.34
—
0.135
μs
tSU(SDA)
SDA data setup ti�e
500
—
1�5
—
50
—
ns
tH(SDA)
SDA data hold ti�e
0
—
0
—
0
—
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com