Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT32F22366 Datasheet(PDF) 55 Page - Holtek Semiconductor Inc

Part # HT32F22366
Description  32-Bit Arm Cortex -M3 Microcontroller, up to 256 KB Flash and 128 KB SRAM
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT32F22366 Datasheet(HTML) 55 Page - Holtek Semiconductor Inc

Back Button HT32F22366 Datasheet HTML 48Page - Holtek Semiconductor Inc HT32F22366 Datasheet HTML 49Page - Holtek Semiconductor Inc HT32F22366 Datasheet HTML 50Page - Holtek Semiconductor Inc HT32F22366 Datasheet HTML 51Page - Holtek Semiconductor Inc HT32F22366 Datasheet HTML 52Page - Holtek Semiconductor Inc HT32F22366 Datasheet HTML 53Page - Holtek Semiconductor Inc HT32F22366 Datasheet HTML 54Page - Holtek Semiconductor Inc HT32F22366 Datasheet HTML 55Page - Holtek Semiconductor Inc HT32F22366 Datasheet HTML 56Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 55 / 56 page
background image
Rev. 1.00
55 of 56
�ove��e� 0�� �01�
3�-Bit A��® Co�tex®-M3 MCU
HT3�F1�365/HT3�F1�366/HT3�F��366
100-pin LQFP (14mm×14mm) Outline Dimensions
100
1
25
AB
C
D
50
26
E
F
G
H
I
J
K
=
51
75
76
Symbol
Dimensions in inch
Min.
Nom.
Max.
A
—
0.630 BSC
—
B
—
0.551 BSC
—
C
—
0.630 BSC
—
D
—
0.551 BSC
—
E
—
0.0�0 BSC
—
F
0.00�
0.009
0.011
G
0.053
0.055
0.05�
H
—
—
0.063
I
0.00�
—
0.006
J
0.018
0.0�4
0.030
K
0.004
—
0.008
α
0°
―
�°
Symbol
Dimensions in mm
Min.
Nom.
Max.
A
—
16.00 BSC
—
B
—
14.00 BSC
—
C
—
16.00 BSC
—
D
—
14.00 BSC
—
E
—
0.50 BSC
—
F
0.1�
0.��
0.��
G
1.35
1.40
1.45
H
—
—
1.60
I
0.05
—
0.15
J
0.45
0.60
0.�5
K
0.09
—
0.�0
α
0°
―
�°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com