Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT32F22366 Datasheet(PDF) 36 Page - Holtek Semiconductor Inc

Part # HT32F22366
Description  32-Bit Arm Cortex -M3 Microcontroller, up to 256 KB Flash and 128 KB SRAM
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT32F22366 Datasheet(HTML) 36 Page - Holtek Semiconductor Inc

Back Button HT32F22366 Datasheet HTML 32Page - Holtek Semiconductor Inc HT32F22366 Datasheet HTML 33Page - Holtek Semiconductor Inc HT32F22366 Datasheet HTML 34Page - Holtek Semiconductor Inc HT32F22366 Datasheet HTML 35Page - Holtek Semiconductor Inc HT32F22366 Datasheet HTML 36Page - Holtek Semiconductor Inc HT32F22366 Datasheet HTML 37Page - Holtek Semiconductor Inc HT32F22366 Datasheet HTML 38Page - Holtek Semiconductor Inc HT32F22366 Datasheet HTML 39Page - Holtek Semiconductor Inc HT32F22366 Datasheet HTML 40Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 56 page
background image
Rev. 1.00
36 of 56
�ove��e� 0�� �01�
3�-Bit A��® Co�tex®-M3 MCU
HT3�F1�365/HT3�F1�366/HT3�F��366
Reset and Supply Monitor Characteristics
Table 9. VDD Power Reset Characteristics
TA = �5 °C, unless otherwise specified.
Symbol
Parameter
Conditions
Min.
Typ. Max. Unit
VPOR
Powe� on �eset th�eshold
(Rising Voltage on VDD)
TA = -40 °C ~ 85 °C
1.66
1.�9
1.90
V
VPDR
Powe� down �eset th�eshold
(Falling Voltage on VDD)
1.49
1.64
1.�8
V
VPORHYST POR hyste�esis
—
—
150
—
�V
TPOR
Reset delay ti�e
VDD = 3.3 V
—
0.1
0.�
�s
�ote: 1. Data �ased on cha�acte�ization �esults only� not tested in p�oduction.
�. Gua�anteed �y design� not tested in p�oduction.
3. If the LDO will �e tu�n on� the VDD POR has to �e in the de-asse�tion condition. When the
VDD POR is in the asse�tion state then the LDO will �e tu�n off.
Table 10. LVD/BOD Characteristics
TA = �5 °C, unless otherwise specified.
Symbol
Parameter
Conditions
Min. Typ. Max. Unit
VBOD
Voltage of B�own Out
Detection
TA = -40 °C ~ 85 °C
Afte� facto�y-t�i��ed (VDD Falling
edge)
�.0�
�.1
�.18
V
VLVD
Voltage of Low
Voltage Detection
TA = -40 °C ~ 85 °C
(VDD Falling edge)
LVDS = 000
�.1� �.�5 �.33
V
LVDS = 001
�.3�
�.4
�.48
V
LVDS = 010
�.4� �.55 �.63
V
LVDS = 011
�.6�
�.�
�.�8
V
LVDS = 100
�.�� �.85 �.93
V
LVDS = 101
�.9�
3.0
3.08
V
LVDS = 110
3.0� 3.15 3.�3
V
LVDS = 111
3.��
3.3
3.38
V
VLVDHTST
LVD hyste�esis
VDD = 3.3 V
—
—
100
—
�V
TSULVD
LVD Setup ti�e
VDD = 3.3 V
—
—
—
5
μs
TatLVD
LVD active delay ti�e VDD = 3.3 V
—
—
—
—
μs
IDDLVD
Ope�ation cu��ent (3)
VDD = 3.3 V
—
—
5
15
μA
�ote: 1. Data �ased on cha�acte�ization �esults only� not tested in p�oduction.
�. Gua�anteed �y design� not tested in p�oduction.
3. Bandgap cu��ent is not included.
4. LVDS field is in PWRCU LVDCSR register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com