Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT32F22366 Datasheet(PDF) 18 Page - Holtek Semiconductor Inc

Part # HT32F22366
Description  32-Bit Arm Cortex -M3 Microcontroller, up to 256 KB Flash and 128 KB SRAM
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT32F22366 Datasheet(HTML) 18 Page - Holtek Semiconductor Inc

Back Button HT32F22366 Datasheet HTML 14Page - Holtek Semiconductor Inc HT32F22366 Datasheet HTML 15Page - Holtek Semiconductor Inc HT32F22366 Datasheet HTML 16Page - Holtek Semiconductor Inc HT32F22366 Datasheet HTML 17Page - Holtek Semiconductor Inc HT32F22366 Datasheet HTML 18Page - Holtek Semiconductor Inc HT32F22366 Datasheet HTML 19Page - Holtek Semiconductor Inc HT32F22366 Datasheet HTML 20Page - Holtek Semiconductor Inc HT32F22366 Datasheet HTML 21Page - Holtek Semiconductor Inc HT32F22366 Datasheet HTML 22Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 56 page
background image
Rev. 1.00
18 of 56
�ove��e� 0�� �01�
3�-Bit A��® Co�tex®-M3 MCU
HT3�F1�365/HT3�F1�366/HT3�F��366
3 Overview
Device Information
Table 1. Features and Peripheral List
Peripherals
HT32F12365
HT32F12366
HT32F22366
Main Flash (KB)
�55
�55
�55
Option Bytes Flash (KB)
1
1
1
SRAM (KB)
64
1�8
1�8
Ti�e�s
MCTM
�
GPTM
�
BFTM
�
RTC
1
WDT
1
Co��unication
CSIF
–
–
1
USB
1
SCI
�
USART
�
UART
�
SPI
�
I�C
�
I�S
1
PDMA
1� channels
AES
1
SDIO
1
EBI
1
CRC
1
GPIO
Up to 80
EXTI
16
1�-�it ADC
�u��e� of channels
1
Max. 16 Channels
Co�pa�ato�
�
CPU f�equency
Up to 96 MHz
Ope�ating voltage
�.0 V ~ 3.6 V
Ope�ating te�pe�atu�e
-40 °C ~ 85 °C
Package
46-pin QF�� 48/64/100-pin LQFP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com