Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT32F22366 Datasheet(PDF) 46 Page - Holtek Semiconductor Inc

Part # HT32F22366
Description  32-Bit Arm Cortex -M3 Microcontroller, up to 256 KB Flash and 128 KB SRAM
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT32F22366 Datasheet(HTML) 46 Page - Holtek Semiconductor Inc

Back Button HT32F22366 Datasheet HTML 42Page - Holtek Semiconductor Inc HT32F22366 Datasheet HTML 43Page - Holtek Semiconductor Inc HT32F22366 Datasheet HTML 44Page - Holtek Semiconductor Inc HT32F22366 Datasheet HTML 45Page - Holtek Semiconductor Inc HT32F22366 Datasheet HTML 46Page - Holtek Semiconductor Inc HT32F22366 Datasheet HTML 47Page - Holtek Semiconductor Inc HT32F22366 Datasheet HTML 48Page - Holtek Semiconductor Inc HT32F22366 Datasheet HTML 49Page - Holtek Semiconductor Inc HT32F22366 Datasheet HTML 50Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 56 page
background image
Rev. 1.00
46 of 56
�ove��e� 0�� �01�
3�-Bit A��® Co�tex®-M3 MCU
HT3�F1�365/HT3�F1�366/HT3�F��366
SCK(CPOL=0)
SCK(CPOL=1)
MOSI
MISO
tSCK
tSCK(H)
tSCK(L)
MSB/LSB I�
tH(SI)
tSU(SEL)
tH(SEL)
tSU(SI)
LSB/MSB I�
MSB/LSB OUT
LSB/MSB OUT
tA(SO)
tV(SO)
tH(SO)
tDIS(SO)
SEL
Figure 11. SPI Timing Diagrams – SPI Slave Mode with CPHA=1
I2S Characteristics
Table 24. I2S Characteristics
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
I2S Master mode
tWSD(MO)
WS output to BCLK delay
—
0
—
4.6
ns
tDOD(MO)
Data output to BCLK delay
—
0.5
—
5.4
ns
tDIS(MI)
Data input setup ti�e
—
0
—
—
ns
tDIH(MI)
Data input hold ti�e
—
13
—
—
ns
I2S Slave mode
tBCH(SI)
BCLK high pulse width
—
4�
—
—
ns
tBCL(SI)
BCLK low pulse width
—
4�
—
—
ns
tWSS(SI)
WS input setup ti�e
—
0
—
—
ns
tDOD(SO)
Data output to BCLK delay
—
—
—
9
ns
tDIS(SI)
Data input setup ti�e
—
0
—
—
ns
tDIH(SI)
Data input hold ti�e
—
�.1
—
—
ns
�ote: 1. Gua�anteed �y cha�acte�ization �esults� not tested in p�oduction.
�. I/O d�iving cu��ent is set to 4 �A.
3. Capacitive load C = 10 pF� VDD = 3.3 V and a��ient te�pe�atu�e TA = �5 °C.
4. Measu�e�ent points a�e set at CMOS levels = 0.5 VDD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com