Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT32F22366 Datasheet(PDF) 17 Page - Holtek Semiconductor Inc

Part # HT32F22366
Description  32-Bit Arm Cortex -M3 Microcontroller, up to 256 KB Flash and 128 KB SRAM
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT32F22366 Datasheet(HTML) 17 Page - Holtek Semiconductor Inc

Back Button HT32F22366 Datasheet HTML 13Page - Holtek Semiconductor Inc HT32F22366 Datasheet HTML 14Page - Holtek Semiconductor Inc HT32F22366 Datasheet HTML 15Page - Holtek Semiconductor Inc HT32F22366 Datasheet HTML 16Page - Holtek Semiconductor Inc HT32F22366 Datasheet HTML 17Page - Holtek Semiconductor Inc HT32F22366 Datasheet HTML 18Page - Holtek Semiconductor Inc HT32F22366 Datasheet HTML 19Page - Holtek Semiconductor Inc HT32F22366 Datasheet HTML 20Page - Holtek Semiconductor Inc HT32F22366 Datasheet HTML 21Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 56 page
background image
Rev. 1.00
1� of 56
�ove��e� 0�� �01�
3�-Bit A��® Co�tex®-M3 MCU
HT3�F1�365/HT3�F1�366/HT3�F��366
CMOS Sensor Interface – CSIF (HT32F22366 only)
▆
Up to 2048 × 2048 input resolution
▆
Supports 8-bit YUV422 and Raw RGB formats
▆
Up to (fHCLK/3) MHz input pixel clock frequency
▆
Multi VSYNC and HSYNC settings for image capture
▆
Hardware window capture function
▆
Fractional hardware sub-sample function
▆
Dual FIFOs each with a capacity of 8 × 32 bits which can be read by the PDMA or CPU
The CMOS Sensor Interface, otherwise known as the CSIF, provides an interface for image
capture from CMOS sensors. The device can be connected to the CMOS sensor directly using its
CMOS Sensor Interface. The CSIF supports both Vertical SYNC and Horizontal SYNC modes for
image capture implementation. The CSIF consists of window capture and sub-sampling functions
together with dual FIFOs, each with a capacity of 8 × 32 bits, to store data which can be moved
to the internal SRAM via the Peripheral Direct Memory Access circuitry, PDMA. The CSIF does
not support image data conversion or decode but rather transfers the image data received from the
CMOS sensor to the internal SRAM transparently.
Debug Support
▆
Serial Wire or JTAG Debug Port SWJ-DP
▆
6 instruction comparators and 2 literal comparators for hardware breakpoint or code / literal
patches
▆
4 comparators for hardware watchpoints
▆
1-bit asynchronous trace for serial wire debug mode – TRACESWO
Package and Operation Temperature
▆
46-pin QFN, 48/64/100-pin LQFP package
▆
Operation temperature range: -40 °C to 85 °C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com