Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT32F22366 Datasheet(PDF) 44 Page - Holtek Semiconductor Inc

Part # HT32F22366
Description  32-Bit Arm Cortex -M3 Microcontroller, up to 256 KB Flash and 128 KB SRAM
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT32F22366 Datasheet(HTML) 44 Page - Holtek Semiconductor Inc

Back Button HT32F22366 Datasheet HTML 40Page - Holtek Semiconductor Inc HT32F22366 Datasheet HTML 41Page - Holtek Semiconductor Inc HT32F22366 Datasheet HTML 42Page - Holtek Semiconductor Inc HT32F22366 Datasheet HTML 43Page - Holtek Semiconductor Inc HT32F22366 Datasheet HTML 44Page - Holtek Semiconductor Inc HT32F22366 Datasheet HTML 45Page - Holtek Semiconductor Inc HT32F22366 Datasheet HTML 46Page - Holtek Semiconductor Inc HT32F22366 Datasheet HTML 47Page - Holtek Semiconductor Inc HT32F22366 Datasheet HTML 48Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 56 page
background image
Rev. 1.00
44 of 56
�ove��e� 0�� �01�
3�-Bit A��® Co�tex®-M3 MCU
HT3�F1�365/HT3�F1�366/HT3�F��366
Symbol
Parameter
Standard Mode Fast Mode Fast Mode Plus
Unit
Min.
Max.
Min. Max.
Min.
Max.
tSU(STA)
START condition setup
ti�e
500
—
1�5
—
50
—
ns
tH(STA)
START condition hold ti�e
0
—
0
—
0
—
ns
tSU(STO)
STOP condition setup ti�e
500
—
1�5
—
50
—
ns
�ote: 1. Gua�anteed �y design� not tested in p�oduction.
�. To achieve 100 kHz standa�d �ode� the pe�iphe�al clock f�equency �ust �e highe� than � MHz.
3. To achieve 400 kHz fast �ode� the pe�iphe�al clock f�equency �ust �e highe� than 8 MHz.
4. To achieve 1 MHz fast �ode plus� the pe�iphe�al clock f�equency �ust �e highe� than �0 MHz.
5. The a�ove cha�acte�istic pa�a�ete�s of the I�C �us ti�ing a�e �ased on: SEQ_FILTER = 01
and COMB_FILTER_En is disa�led.
tSU(STA)
tH(STA)
tFALL
tSCL(L)
tRISE
tSCL(H)
tH(SDA)
tSU(SDA)
tSU(STO)
SCL
SDA
Figure 9. I2C Timing Diagrams
SPI Characteristics
Table 23. SPI Characteristics
Symbol
Parameter
Conditions
Min. Typ. Max. Unit
SPI Master mode
fSCK
(1/tSCK)
SPI �aste� output SCK
clock f�equency
Maste� �odeSPI pe�iphe�al
clock f�equency fPCLK
—
—
fPCLK/�
MHz
tSCK(H)
tSCK(L)
SCK clock high and low
ti�e
—
tSCK/� - � — tSCK/� + 1 ns
tV(MO)
Data output valid ti�e
—
—
—
5
ns
tH(MO)
Data output hold ti�e
—
�
—
—
ns
tSU(MI)
Data input setup ti�e
—
5
—
—
ns
tH(MI)
Data input hold ti�e
—
5
—
—
ns
SPI Slave mode
fSCK
(1/tSCK)
SPI slave input SCK clock
f�equency
Slave �ode
SPI pe�iphe�al clock
f�equency fPCLK
—
—
fPCLK/3
MHz
DutySCK
SPI slave input SCK clock
duty cycle
—
30
—
�0
%
tSU(SEL)
SEL ena�le setup ti�e
—
3 × tPCLK
—
—
ns
tH(SEL)
SEL ena�le hold ti�e
—
� × tPCLK
—
—
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com