Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT32F22366 Datasheet(PDF) 27 Page - Holtek Semiconductor Inc

Part # HT32F22366
Description  32-Bit Arm Cortex -M3 Microcontroller, up to 256 KB Flash and 128 KB SRAM
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT32F22366 Datasheet(HTML) 27 Page - Holtek Semiconductor Inc

Back Button HT32F22366 Datasheet HTML 23Page - Holtek Semiconductor Inc HT32F22366 Datasheet HTML 24Page - Holtek Semiconductor Inc HT32F22366 Datasheet HTML 25Page - Holtek Semiconductor Inc HT32F22366 Datasheet HTML 26Page - Holtek Semiconductor Inc HT32F22366 Datasheet HTML 27Page - Holtek Semiconductor Inc HT32F22366 Datasheet HTML 28Page - Holtek Semiconductor Inc HT32F22366 Datasheet HTML 29Page - Holtek Semiconductor Inc HT32F22366 Datasheet HTML 30Page - Holtek Semiconductor Inc HT32F22366 Datasheet HTML 31Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 56 page
background image
Rev. 1.00
�� of 56
�ove��e� 0�� �01�
3�-Bit A��® Co�tex®-M3 MCU
HT3�F1�365/HT3�F1�366/HT3�F��366
100 99
98
9�
96
95
94
93
9�
91
81
1
�
3
4
5
6
�
8
14
15
��
�6
��
�8
�9
30
31
3�
33
34
35
36
66
65
64
63
6�
61
60
59
58
5�
56
PA0
PA1
PA�
PA3
PA4
PA5
PA6
PA�
VDD_3
USBDM
USBDP
VSS_�
VDD_�
PB1
PB0
PA10
AF0
(Default)
AF1
P33
P33
BAK
33V
BAK
P33
BAK
33V
BAK
33V
BAK
33V
33V
33V
33V
P15
USB
USB
33V
33V
33V
33V
33V
33V
33V
33V
33V
33V
33V
AP
AP
80
�3
3�
6�
AF0
(Default)
33V
VSS_3
P33
P33
33V
P33
P33
33V
33V
33V 33V
P33
P33
9
10
11
PE8
PE10
PE11
1�
PE9
38
39
40
41
33V
�9
�8
��
�6
55
54
53
5�
PA9_
BOOT1
PA8_
BOOT0
PD8
33V
33V
33V
33V
33V
33V
33V
PC5
PC4
PC6
33V
33V
33V
33V
33V
33V
33V
33V
33V
PE1�
13 33V
16
1�
18
PC9
PC11
PC1�
19
PC10
33V
33V
33V
33V
PD6
�0 33V
�1
PB1�
PB13
�4
33V
33V
�C
�5
4�
43
44
45
46
4�
33V 33V 33V
48
49
50
33V
83
8�
33V 33V
85
84
33V
8�
86
33V
89
88
33V 33V
90
33V
51
PD�
68
PD9
69
PD10
�0
PD11
��
�1
PD13
PD1�
33V
33V
�4
�3
PD15
PD14
33V
33V
�5
PE0
33V
33V
33V
33V
P33
P33
33V
33V
AP
AP
33V
33V
33V
33V
33V
33V
33V
33V
33V
33V
33V
P33
AP
P15
33V
3.3 V Digital Powe� Pad
3.3 V Analog Powe� Pad
1.5 V Powe� Pad
3.3 V Digital & Analog I/O Pad
USB USB PHY Pad
BAK Backup Do�ain Pad
33V 3.3 V Digital I/O Pad
JTRST
JTDI
JTCK/
SWCLK
JTDO
JTMS/
SWDIO
PA11
PA1�
PA13
PA14
PA15
HT32F12365/12366/22366
100 LQFN-A
Figure 7. 100-pin LQFP Assignment



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com