Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT32F22366 Datasheet(PDF) 24 Page - Holtek Semiconductor Inc

Part # HT32F22366
Description  32-Bit Arm Cortex -M3 Microcontroller, up to 256 KB Flash and 128 KB SRAM
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT32F22366 Datasheet(HTML) 24 Page - Holtek Semiconductor Inc

Back Button HT32F22366 Datasheet HTML 20Page - Holtek Semiconductor Inc HT32F22366 Datasheet HTML 21Page - Holtek Semiconductor Inc HT32F22366 Datasheet HTML 22Page - Holtek Semiconductor Inc HT32F22366 Datasheet HTML 23Page - Holtek Semiconductor Inc HT32F22366 Datasheet HTML 24Page - Holtek Semiconductor Inc HT32F22366 Datasheet HTML 25Page - Holtek Semiconductor Inc HT32F22366 Datasheet HTML 26Page - Holtek Semiconductor Inc HT32F22366 Datasheet HTML 27Page - Holtek Semiconductor Inc HT32F22366 Datasheet HTML 28Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 56 page
background image
Rev. 1.00
�4 of 56
�ove��e� 0�� �01�
3�-Bit A��® Co�tex®-M3 MCU
HT3�F1�365/HT3�F1�366/HT3�F��366
4 Pin Assignment
45
44
43
4�
41
40
39
38
3�
36
35
1
�
3
4
5
6
�
8
10
11
1�
13
14
15
16
1�
18
19
�0
3�
31
30
�9
�8
��
�6
�5
�4
PA1
PA�
PA3
PA4
PA5
PA6
PA�
VDD_�
PB1
PB0
PA10
AF0
(Default)
P33 BAK
33V
BAK
P33
BAK
33V
BAK
33V
BAK
33V
P15
33V
33V
33V
33V
33V
33V
33V
AP
HT32F12365/12366/22366
46 QFN-A
34
9
�1
AF0
(Default)
P33
33V 33V
P33
33V
33V
AF1
33V
33V
33V
33V 33V
33V 33V 33V
33V
33V
33V
33V
46
33V
��
33V
�3
33V
33
P33
AP
P15
33V
33V
3.3 V Digital Powe� Pad
3.3 V Analog Powe� Pad
1.5 V Powe� Pad
3.3 V Digital & Analog IO Pad
3.3 V Digital I/O Pad
BAK Backup Do�ain Pad
33V
33V
VSS
AP
P33
33V 33V 33V 33V
USBDM/
PB1�
USBDP/
PB13
USB
USB
JTRST
JTDI
JTCK/
SWCLK
JTDO
JTMS/
SWDIO
PA11
PA1�
PA13
PA14
PA15
USB USB PHY Pad
Figure 4. 46-pin QFN Pin Assignment



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com