Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CCG2 Datasheet(PDF) 29 Page - Cypress Semiconductor

Part # CCG2
Description  USB Type-C Port Controller
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CCG2 Datasheet(HTML) 29 Page - Cypress Semiconductor

Back Button CCG2 Datasheet HTML 25Page - Cypress Semiconductor CCG2 Datasheet HTML 26Page - Cypress Semiconductor CCG2 Datasheet HTML 27Page - Cypress Semiconductor CCG2 Datasheet HTML 28Page - Cypress Semiconductor CCG2 Datasheet HTML 29Page - Cypress Semiconductor CCG2 Datasheet HTML 30Page - Cypress Semiconductor CCG2 Datasheet HTML 31Page - Cypress Semiconductor CCG2 Datasheet HTML 32Page - Cypress Semiconductor CCG2 Datasheet HTML 33Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 29 / 33 page
background image
EZ-PD™ CCG2 Datasheet
Document Number: 001-93912 Rev. *L
Page 29 of 33
Acronyms
Table 31. Acronyms Used in this Document
Acronym
Description
ADC
analog-to-digital converter
API
application programming interface
ARM®
advanced RISC machine, a CPU architecture
CC
configuration channel
CCG2
Cable Controller Generation 2
CPU
central processing unit
CRC
cyclic redundancy check, an error-checking
protocol
CS
current sense
DFP
downstream facing port
DIO
digital input/output, GPIO with only digital capabil-
ities, no analog. See GPIO.
DRP
dual role port
EEPROM
electrically erasable programmable read-only
memory
EMCA
a USB cable that includes an IC that reports cable
characteristics (e.g., current rating) to the Type-C
ports
EMI
electromagnetic interference
ESD
electrostatic discharge
FPB
flash patch and breakpoint
FS
full-speed
GPIO
general-purpose input/output
IC
integrated circuit
IDE
integrated development environment
I2C, or IIC
Inter-Integrated Circuit, a communications
protocol
ILO
internal low-speed oscillator, see also IMO
IMO
internal main oscillator, see also ILO
I/O
input/output, see also GPIO
LVD
low-voltage detect
LVTTL
low-voltage transistor-transistor logic
MCU
microcontroller unit
NC
no connect
NMI
nonmaskable interrupt
NVIC
nested vectored interrupt controller
opamp
operational amplifier
OCP
overcurrent protection
OVP
overvoltage protection
PCB
printed circuit board
PD
power delivery
PGA
programmable gain amplifier
PHY
physical layer
POR
power-on reset
PRES
precise power-on reset
PSoC®
Programmable System-on-Chip™
PWM
pulse-width modulator
RAM
random-access memory
RISC
reduced-instruction-set computing
RMS
root-mean-square
RTC
real-time clock
RX
receive
SAR
successive approximation register
SCL
I2C serial clock
SDA
I2C serial data
S/H
sample and hold
SPI
Serial Peripheral Interface, a communications
protocol
SRAM
static random access memory
SWD
serial wire debug, a test protocol
TX
transmit
Type-C
a new standard with a slimmer USB connector and
a reversible cable, capable of sourcing up to
100 W of power
UART
Universal Asynchronous Transmitter Receiver, a
communications protocol
USB
Universal Serial Bus
USBIO
USB input/output, CCG2 pins used to connect to a
USB port
XRES
external reset I/O pin
Table 31. Acronyms Used in this Document (continued)
Acronym
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com