Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CCG2 Datasheet(PDF) 16 Page - Cypress Semiconductor

Part # CCG2
Description  USB Type-C Port Controller
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CCG2 Datasheet(HTML) 16 Page - Cypress Semiconductor

Back Button CCG2 Datasheet HTML 12Page - Cypress Semiconductor CCG2 Datasheet HTML 13Page - Cypress Semiconductor CCG2 Datasheet HTML 14Page - Cypress Semiconductor CCG2 Datasheet HTML 15Page - Cypress Semiconductor CCG2 Datasheet HTML 16Page - Cypress Semiconductor CCG2 Datasheet HTML 17Page - Cypress Semiconductor CCG2 Datasheet HTML 18Page - Cypress Semiconductor CCG2 Datasheet HTML 19Page - Cypress Semiconductor CCG2 Datasheet HTML 20Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 33 page
background image
EZ-PD™ CCG2 Datasheet
Document Number: 001-93912 Rev. *L
Page 16 of 33
Figure 14 shows a CCG2 Monitor/Dock application diagram. It enables connectivity
between a USB Type-C host system on the Upstream port and multiple Display/Data
devices on the Downstream port. This application has a USB Type-C receptacle on
the Upstream port, which supports data, power, and display. On the Downstream
port, this application supports: USB Type-A, Gigabit Ethernet, DisplayPort, and USB
Type-C receptacle.
The main features of this solution are:
Powered from an external 24-V DC power adapter
Provides up to 45 W (15 V at 3A) on the Upstream Type-C port and up to 15 W
(5 V at 3A) on the Downstream USB Type-C port
Provides simultaneous 4K display output with USB 3.1 Gen 1 on the USB Type-A
port
Four-lane display on the DisplayPort connector
Multi-Stream support on DisplayPort and Downstream Type-C port
USB 3.1 Gen 1 hub for USB port expansion
Gigabit Ethernet using RJ45 connector
Supports firmware upgrade of CCG2 controllers, HX3 Hub controller, and Billboard
controller
Figure 14. CCG2 in Dock/Monitor Application Diagram
Type-C
to
Notebook
USB-Billboard
CY7C65210
VBUS_US
5V
CC1
SBU_1/2
HotPlug Detect
2.2k
: 5%
2.2k
: 5%
SCL
SDA
INT2
INT1
3.3V
DRP
CYPD2121
24QFN
CC1
RD1
CC2
2
3
1
EPAD
VCCD
7
P1.4 P0.0 P0.1
14
19
20
VDDD1
VDDD2
XRES
VDDIO
1
µF
8
6
9
16
VCONN2
P1.6
4
17
VCONN1
5
P2.1
12
SWD_CLK_P1.2
P2.2
P1.5
0.1
µF
3.3V
1
µF
100K
Ω,±1%
10K
Ω,±1%
VBUS
SWD_IO_P1.1
11
23
15
5V
3.3V
1.2V
Type-C Mux
SS Data Lanes
2.2k
: 5%
100K
Ω
1K
Ω
100K
Ω
Regulator
US_VBUS_P_CTRL
VSEL_1
VSEL_0
0.1
µF
US_VBUS_DIS
22
100
Ω
P1.3
P1.0
2.2k
: 5%
2.2k
: 5%
13
10
P1.7
P2.3
VSEL_0
VSEL_1
18
24
P2.0
21 HUB_VBUS_US
CC2
SDA
SCL
HPD
DP
Spliter
DP
Port
USB
Hub
CYUSB3304
-68LTXC
HUB_VBUS_US
SS Data Lines
USB D+/-
USB D+/-
HS_DS2
HS_DS2
DS1
DS3
HS_DS4
USB Type-A
Receptacle
Ethernet GX3
CYUSB3610-
68LTXC
SS_DS4
Type-C
to
Device
VBUS_DS
VCONN
CC1
DS_HotPlug Detect
3.3V
DFP
CYPD2125
24QFN
RD1
CC1
CC2
3
2
1
EPAD
VCCD
7
P2.3
P2.1
P0.0
P0.1
24
22
19
20
VDDD1
VDDD2
XRES
VDDIO
1
µF
8
6
9
16
VCONN2
P1.6
4
17
VCONN1
5
P2.0
12
SWD_CLK
P2.2
P1.5
0.1
µF
3.3V
1
µF
100K
Ω,±1%
10K
Ω,±1%
VBUS
SWD_IO
11
23
15
Type-C Mux
SS Data Lines_2
100K
Ω
1K
Ω
100K
Ω
US_VBUS_P_CTRL
0.1
µF
21
100K
Ω
P1.3
P1.0
2.2k
: 5%
2.2k
: 5%
13
10
P1.7
18
CC2
SDA
SCL
HPD
HS_DS4
100K
Ω
200K
Ω
VCONN
100K
Ω
200K
Ω
P1.4
14
DP2
DP2
SS_DS4
DS_HotPlug Detect
5.0V
Power
5-20V
5-20V
Discharge
NFET
US_VBUS_DIS
SS Data Lines_1
Power In
Brick
Discharge
NFET
DS_VBUS_DIS
DS_I2C_INT
I2C Master
I2C Slave
I2C Master
CCG2 connected on the Upstream Port
CCG2 connected on the Downstream Port
Cypress USB3.0 HUB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com