Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CCG2 Datasheet(PDF) 14 Page - Cypress Semiconductor

Part # CCG2
Description  USB Type-C Port Controller
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CCG2 Datasheet(HTML) 14 Page - Cypress Semiconductor

Back Button CCG2 Datasheet HTML 10Page - Cypress Semiconductor CCG2 Datasheet HTML 11Page - Cypress Semiconductor CCG2 Datasheet HTML 12Page - Cypress Semiconductor CCG2 Datasheet HTML 13Page - Cypress Semiconductor CCG2 Datasheet HTML 14Page - Cypress Semiconductor CCG2 Datasheet HTML 15Page - Cypress Semiconductor CCG2 Datasheet HTML 16Page - Cypress Semiconductor CCG2 Datasheet HTML 17Page - Cypress Semiconductor CCG2 Datasheet HTML 18Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 33 page
background image
EZ-PD™ CCG2 Datasheet
Document Number: 001-93912 Rev. *L
Page 14 of 33
Figure 12 shows a USB Type-C to HDMI/DVI/VGA adapter appli-
cation, which enables connectivity between a PC that supports
a Type-C port with DisplayPort Alternate Mode support and a
legacy monitor that has HDMI/DVI/VGA interface. It enables
users of any Notebook that implements USB-Type C to connect
to other display types.
This application has a Type-C plug on one end and the legacy
video (HDMI/DVI/VGA) receptacle on the other end. This appli-
cation meets the requirements described in Section 4.3 of the
VESA DisplayPort Alt Mode on USB Type-C Standard Version
1.0. This application supports display output at a resolution of up
to 4K Ultra HD (3840x2160) at 60 Hz. It also supports the USB
Billboard Device Class, which is required by the USB PD speci-
fication for enumeration of any accessories that support
Alternate Mode when connected to a host PC.
Figure 12. USB Type-C to HDMI/DVI/VGA Dongle Application Diagram
Type-C
Plug
USB-Billboard
CY7C65210
HDMI/DVI/
VGA
Receptacle
Power OR
VBUS
VCONN
VBUS
D+/-
CC
SW for AUX
SBU_1/2
HotPlug Detect
2.2k
: 5%
2.2k
: 5%
SCL
SDA
XRES INT
3.3V
CYPD2119
24QFN
CC1
RD1
CC2
2
3
1
EPAD
VCCD
7
P1.7 P2.1 P1.3 P1.0
18
10
13
22
VDDD1
VDDD2
VDDIO
VCONN1
5
6
9
8
VCONN2
P1.6
4
17
XRES
4.7K
Ω
16
P1.5
15
P2.3:P0.0
P0.1
1
µF
P1.4
VCONN
3.3V
1
µF
100K
Ω,±1%
10K
Ω,±1%
VBUS
P2.0
P2.2
SWD_CLK
SWD_IO
12
11
21
23
[24:19]
20
14
BuckBoost
5V
Regulator
3.3V
1.2V
DP to HDMI/
DVI/VGA
Convertor
3.3V
1.2V
Display Port
Data Lanes
2.2k
: 5%
VBUS_VCONN
VBUS_VCONN
1
µF
0.1
µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com