Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CCG2 Datasheet(PDF) 19 Page - Cypress Semiconductor

Part # CCG2
Description  USB Type-C Port Controller
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CCG2 Datasheet(HTML) 19 Page - Cypress Semiconductor

Back Button CCG2 Datasheet HTML 15Page - Cypress Semiconductor CCG2 Datasheet HTML 16Page - Cypress Semiconductor CCG2 Datasheet HTML 17Page - Cypress Semiconductor CCG2 Datasheet HTML 18Page - Cypress Semiconductor CCG2 Datasheet HTML 19Page - Cypress Semiconductor CCG2 Datasheet HTML 20Page - Cypress Semiconductor CCG2 Datasheet HTML 21Page - Cypress Semiconductor CCG2 Datasheet HTML 22Page - Cypress Semiconductor CCG2 Datasheet HTML 23Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 33 page
background image
EZ-PD™ CCG2 Datasheet
Document Number: 001-93912 Rev. *L
Page 19 of 33
I/O
Table 3. AC Specifications
Spec ID
Parameter
Description
Min
Typ
Max
Units
Details/Conditions
SID.CLK#4
FCPU
CPU frequency
DC
48
MHz
3.0 V
VDDD 5.5 V
SID.PWR#20
TSLEEP
Wakeup from sleep mode
0
µs
Guaranteed by
characterization
SID.PWR#21
TDEEPSLEEP Wakeup from Deep Sleep mode
35
µs
24-MHz IMO.
Guaranteed by charac-
terization
SID.XRES#5
TXRES
External reset pulse width
5
µs
Guaranteed by
characterization
SYS.FES#1
T_PWR_RDY
Power-up to “Ready to accept I2C /
CC command”
5
25
ms
Guaranteed by
characterization
Table 4. I/O DC Specifications
Spec ID
Parameter
Description
Min
Typ
Max
Units
Details/Conditions
SID.GIO#37
VIH[2]
Input voltage HIGH threshold
0.7 × VDDIO
––
V
CMOS input
SID.GIO#38
VIL
Input voltage LOW threshold
0.3 × VDDIO
VCMOS input
SID.GIO#39
VIH[2]
LVTTL input, VDDIO < 2.7 V
0.7× VDDIO
––
V
SID.GIO#40
VIL
LVTTL input, VDDIO < 2.7 V
0.3 × VDDIO
V–
SID.GIO#41
VIH[2]
LVTTL input, VDDIO  2.7 V
2.0
V
SID.GIO#42
VIL
LVTTL input, VDDIO  2.7 V
0.8
V
SID.GIO#33
VOH
Output voltage HIGH level
VDDIO – 0.6
V
IOH = 4 mA at 3-V
VDDIO
SID.GIO#34
VOH
Output voltage HIGH level
VDDIO – 0.5
V
IOH = 1 mA at 1.8-V
VDDIO
SID.GIO#35
VOL
Output voltage LOW level
0.6
V
IOL = 4 mA at 1.8-V
VDDIO
SID.GIO#36
VOL
Output voltage LOW level
0.6
V
IOL = 8mA at 3V VDDIO
SID.GIO#5
RPULLUP
Pull-up resistor
3.5
5.6
8.5
kΩ
SID.GIO#6
RPULLDOWN
Pull-down resistor
3.5
5.6
8.5
kΩ
SID.GIO#16
IIL
Input leakage current (absolute
value)
––
2
nA
25 °C, VDDIO = 3.0
V.Guaranteed by
characterization
SID.GIO#17
CIN
Input capacitance
7
pF
Guaranteed by
characterization
SID.GIO#43
VHYSTTL
Input hysteresis LVTTL
25
40
mV
VDDIO  2.7 V.
Guaranteed by
characterization.
SID.GPIO#44 VHYSCMOS
Input hysteresis CMOS
0.05 × VDDIO ––
mV Guaranteed by
characterization
SID69
IDIODE
Current through protection diode to
VDDIO/Vss
100
µA Guaranteed by
characterization
SID.GIO#45
ITOT_GPIO
Maximum total source or sink chip
current
200
mA Guaranteed by
characterization
Note
2. VIH must not exceed VDDIO + 0.2 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com