Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CCG2 Datasheet(PDF) 10 Page - Cypress Semiconductor

Part # CCG2
Description  USB Type-C Port Controller
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CCG2 Datasheet(HTML) 10 Page - Cypress Semiconductor

Back Button CCG2 Datasheet HTML 6Page - Cypress Semiconductor CCG2 Datasheet HTML 7Page - Cypress Semiconductor CCG2 Datasheet HTML 8Page - Cypress Semiconductor CCG2 Datasheet HTML 9Page - Cypress Semiconductor CCG2 Datasheet HTML 10Page - Cypress Semiconductor CCG2 Datasheet HTML 11Page - Cypress Semiconductor CCG2 Datasheet HTML 12Page - Cypress Semiconductor CCG2 Datasheet HTML 13Page - Cypress Semiconductor CCG2 Datasheet HTML 14Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 33 page
background image
EZ-PD™ CCG2 Datasheet
Document Number: 001-93912 Rev. *L
Page 10 of 33
Application Diagrams
Figure 7 and Figure 8 show the application diagrams of a
Passive EMCA application using CCG2 devices. Figure 7 shows
the application using a single CCG2 device per cable present at
one of the two plugs, whereas Figure 8 shows the same with two
CCG2 devices per cable present at each plug. The VBUS signal,
the SuperSpeed lines, HighSpeed lines, and CC lines are
connected directly from one end to another.
The application diagram shown in Figure 7 requires a single
VCONN wire to run through the cable so that the CCG2 device
can be powered irrespective of which plug is connected to the
host (DFP). However, in the application diagram shown in
Figure 8, the VCONN signal does not run through the entire
cable, but only runs to the respective VCONN pin of the CCG2
device at each end of the plug. Also, only one CCG2 device is
powered at any given instance, depending on which one is
nearer to the DFP that supplies VCONN.
Figure 7. Passive EMCA Application – Single EZ-PD CCG2 Per Cable
VCONN 1
VBUS
CC
Type-C
Plug
GND
Type-C
Plug
VCONN 2
SuperSpeed and HighSpeed Lines
0.1uF
CCG2
VDDD
E3
1uF
A1
VCCD
VSS
C1
XRES
B1
SWD_
IO
SWD_
CLK
E2
D1
I2C_0
_SCL
I2C_0
_SDA
A3
A2
B4
CC1
GPIO
GPIO
D3
C2
CC2
A4
E4
VCONN1
C4
VCONN2
VDDIO
E1
RD1
B3
VSS
D4
GPIO
D2
GPIO
B2
GPIO
C3
0.1uF
1uF
VDDIO
4.7 k
20-CSP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com