Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CCG2 Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # CCG2
Description  USB Type-C Port Controller
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CCG2 Datasheet(HTML) 9 Page - Cypress Semiconductor

Back Button CCG2 Datasheet HTML 5Page - Cypress Semiconductor CCG2 Datasheet HTML 6Page - Cypress Semiconductor CCG2 Datasheet HTML 7Page - Cypress Semiconductor CCG2 Datasheet HTML 8Page - Cypress Semiconductor CCG2 Datasheet HTML 9Page - Cypress Semiconductor CCG2 Datasheet HTML 10Page - Cypress Semiconductor CCG2 Datasheet HTML 11Page - Cypress Semiconductor CCG2 Datasheet HTML 12Page - Cypress Semiconductor CCG2 Datasheet HTML 13Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 33 page
background image
EZ-PD™ CCG2 Datasheet
Document Number: 001-93912 Rev. *L
Page 9 of 33
Power
The following power system diagram shows the set of power
supply pins as implemented in EZ-PD CCG2.
EZ-PD CCG2 can operate from three different power sources.
VCONN1 and VCONN2 pins can be used as connections to the
VCONN pins on a Type-C plug of a cable or VCONN-powered
accessory. Each of these inputs support operation over 4.0 to
5.5 V. An internal isolation between VCONN1 and VCONN2 pins
is provided allowing them to be at different levels simultaneously.
CCG2 can be used in EMCA applications with only one or both
VCONN pins as power sources. This is illustrated later in the
section on Applications. Besides being power inputs, each
VCONN pin is also internally connected to a RA termination
resistor required for EMCA and VCONN-powered accessories.
EZ-PD CCG2 can also be operate from 2.7 to 5.5 V when
operated from the VDDD supply pin. VCONN-powered
accessory applications require that CCG2 work down to 2.7 V. In
such applications, both the VDDD and VCONN pins should be
connected to the VCONN pin of the Type-C plug in the
accessory.
In UFP, DFP, and DRP applications, CCG2 can be operated from
VDDD as the only supply input. In such applications, the VCONN
pins are left open. In DFP applications, the lowest VDDD level
that CCG2 can operate is 3.0 V due to the need to support
disconnect detection thresholds of up to 2.7 V.
A separate I/O supply pin, VDDIO, allows the GPIOs to operate
at levels from 1.71 to 5.5 V. The VDDIO pin can be equal to or
less than the voltages connected to the VCONN1, VCONN2, and
VDDD pins. The independent VDDIO supply is not available on
the 14-DFN package. On this package, the VDDIO rail is
internally connected to the VDDD rails.
The VCCD output of EZ-PD CCG2 must be bypassed to ground
via an external capacitor (in the range of 1 to 1.6 µF; X5R
ceramic or better).
Bypass capacitors must be used from VDDD and VCONN pins
to ground; typical practice for systems in this frequency range is
to use a 0.1-µF capacitor. Note that these are simply rules of
thumb and that for critical applications, the PCB layout, lead
inductance, and the bypass capacitor parasitic should be
simulated to design and obtain optimal bypassing.
An example of the power supply bypass capacitors is shown in
Figure 6.
Figure 6. EZ-PD CCG2 Power and Bypass Scheme Example
RA
VSS
VCONN2
VDDD
Core Regulator
(srsslt)
VCONN1
VCCD
Core
VDDIO
GPIO
CC
Tx/Rx
RA
1uF
1uF
0.1uF
0.1uF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com