Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CCG2 Datasheet(PDF) 21 Page - Cypress Semiconductor

Part # CCG2
Description  USB Type-C Port Controller
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CCG2 Datasheet(HTML) 21 Page - Cypress Semiconductor

Back Button CCG2 Datasheet HTML 17Page - Cypress Semiconductor CCG2 Datasheet HTML 18Page - Cypress Semiconductor CCG2 Datasheet HTML 19Page - Cypress Semiconductor CCG2 Datasheet HTML 20Page - Cypress Semiconductor CCG2 Datasheet HTML 21Page - Cypress Semiconductor CCG2 Datasheet HTML 22Page - Cypress Semiconductor CCG2 Datasheet HTML 23Page - Cypress Semiconductor CCG2 Datasheet HTML 24Page - Cypress Semiconductor CCG2 Datasheet HTML 25Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 33 page
background image
EZ-PD™ CCG2 Datasheet
Document Number: 001-93912 Rev. *L
Page 21 of 33
I2C
Table 8. Fixed I2C DC Specifications
(Guaranteed by Characterization)
Spec ID
Parameter
Description
Min
Typ
Max
Units
Details/Conditions
SID149
II2C1
Block current consumption at 100 kbps
–
–
60
µA–
SID150
II2C2
Block current consumption at 400 kbps
–
–
185
µA–
SID151
II2C3
Block current consumption at 1 Mbps
–
–
390
µA–
SID152
II2C4
I2C enabled in Deep Sleep mode
–
–
1.4
µA–
Table 9. Fixed I2C AC Specifications
(Guaranteed by Characterization)
Spec ID
Parameter
Description
Min
Typ
Max
Units
Details/Conditions
SID153
FI2C1
Bit rate
–
–
1
Mbps
–
Table 10. Fixed UART DC Specifications
(Guaranteed by Characterization)
Spec ID
Parameter
Description
Min
Typ
Max
Units
Details/Conditions
SID160
IUART1
Block current consumption at
100 Kbps
–
–
125
µA
Guaranteed by
characterization
SID161
IUART2
Block current consumption at
1000 Kbps
–
–
312
µA
Guaranteed by
characterization
Table 11. Fixed UART AC Specifications
(Guaranteed by Characterization)
Spec ID
Parameter
Description
Min
Typ
Max
Units
Details/Conditions
SID162
FUART
Bit rate
–
–
1
Mbps Guaranteed by
characterization
Table 12. Fixed SPI DC Specifications
(Guaranteed by Characterization)
Spec ID
Parameter
Description
Min
Typ
Max
Units
Details/Conditions
SID163
ISPI1
Block current consumption at 1 Mbps
–
–
360
µA
Guaranteed by
characterization
SID164
ISPI2
Block current consumption at 4 Mbps
–
–
560
µA
Guaranteed by
characterization
SID165
ISPI3
Block current consumption at 8 Mbps
–
–
600
µA
Guaranteed by
characterization
Table 13. Fixed SPI AC Specifications
(Guaranteed by Characterization)
Spec ID
Parameter
Description
Min
Typ
Max
Units
Details/Conditions
SID166
FSPI
SPI Operating frequency (Master; 6X
oversampling)
–
–
8
MHz
Guaranteed by
characterization



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com