Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CCG2 Datasheet(PDF) 12 Page - Cypress Semiconductor

Part # CCG2
Description  USB Type-C Port Controller
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CCG2 Datasheet(HTML) 12 Page - Cypress Semiconductor

Back Button CCG2 Datasheet HTML 8Page - Cypress Semiconductor CCG2 Datasheet HTML 9Page - Cypress Semiconductor CCG2 Datasheet HTML 10Page - Cypress Semiconductor CCG2 Datasheet HTML 11Page - Cypress Semiconductor CCG2 Datasheet HTML 12Page - Cypress Semiconductor CCG2 Datasheet HTML 13Page - Cypress Semiconductor CCG2 Datasheet HTML 14Page - Cypress Semiconductor CCG2 Datasheet HTML 15Page - Cypress Semiconductor CCG2 Datasheet HTML 16Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 33 page
background image
EZ-PD™ CCG2 Datasheet
Document Number: 001-93912 Rev. *L
Page 12 of 33
Figure 10 shows a Notebook DRP application diagram using a
CCG2 device. The Type-C port can be used as a power provider
or a power consumer. The CCG2 device communicates with the
Embedded controller (EC) over I2C. It also controls the Data Mux
to route the High Speed signals either to the USB chipset (during
normal mode) or the DisplayPort Chipset (during Alternate
Mode). The SBU lines, SuperSpeed and HighSpeed lines are
routed directly from the Display Mux of the notebook to the
Type-C receptacle.
Optional FETs are provided for applications that need to provide
power for accessories and cables using the VCONN pin of the
Type-C receptacle. VBUS FETs are also used for providing
power over VBUS and for consuming power over VBUS. A
VBUS_DISCHARGE FET controlled by CCG2 device is used to
quickly discharge VBUS after the Type-C connection is
detached.
Figure 10. Dual Role Port (DRP) Application
CCG2
24-QFN
GPIO
15
GPIO
18
GPIO
22
GPIO
21
GPIO
24
CC2
1
CC1
2
RD1
3
VCONN1
5
VCONN2
4
SWD_IO
11
SWD_CLK
12
GPIO
14
I2C_0_SCL
20
I2C_0_SDA
19
XRES
16
VSS
EPAD
1uF
3.3V
VDDIO
VDDIO
1uF
VBUS_P_CTRL
VBUS_DISCHARGE
VBUS_C_CTRL
Type-C
Receptacle
VBUS
(5-20V)
VDDIO
I2C_INT
VBUS_SINK
VBUS_SOURCE
5.0V
5.0V
OPTIONAL
FETS for DFPs
SUPPORTING
VCONN
VBUS FETs for
CONSUMER PATH
CC1_VCONN_CTRL
CC2_VCONN_CTRL
VBUS_DISCHARGE
VBUS_C_CTRL
VBUS_P_CTRL
HPD
USB
Chipset
Embedded
Controller
HPD
DC/DC
CHARGER
GPIO
17
VBUS
VBUS_MON
390pF
390pF
VBUS FETs for
PROVIDER PATH
100k
Ω
10k
Ω
2.2k
Ω
2.2k
Ω
2.2k
Ω
4.7k
Ω
D+/-
SS
DisplayPort
Chipset
Data Mux
DP0/1/2/3
AUX+/-
SCL
SDA
GND
SS
HS/SS/DP/
SBU Lines
DP/DN
D+/-
SS
CC1
CC2
VBUS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com