Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CCG2 Datasheet(PDF) 13 Page - Cypress Semiconductor

Part # CCG2
Description  USB Type-C Port Controller
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CCG2 Datasheet(HTML) 13 Page - Cypress Semiconductor

Back Button CCG2 Datasheet HTML 9Page - Cypress Semiconductor CCG2 Datasheet HTML 10Page - Cypress Semiconductor CCG2 Datasheet HTML 11Page - Cypress Semiconductor CCG2 Datasheet HTML 12Page - Cypress Semiconductor CCG2 Datasheet HTML 13Page - Cypress Semiconductor CCG2 Datasheet HTML 14Page - Cypress Semiconductor CCG2 Datasheet HTML 15Page - Cypress Semiconductor CCG2 Datasheet HTML 16Page - Cypress Semiconductor CCG2 Datasheet HTML 17Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 33 page
background image
EZ-PD™ CCG2 Datasheet
Document Number: 001-93912 Rev. *L
Page 13 of 33
Figure 11 shows a CCG2 receptacle-based Power Adapter
application in which the CCG2 device is used as a DFP. CCG2
integrates all termination resistors and uses GPIOs (VSEL_0
and VSEL_1) to indicate the negotiated power profile. The VBUS
voltage on the Type-C port is monitored using internal ADC to
detect undervoltage and overvoltage conditions on VBUS. To
ensure quick discharge of VBUS when the power adapter cable
is detached, a discharge path is also provided.
Figure 11. Downstream Facing Port (DFP) Application
CCG2
24-QFN
GPIO
15
GPIO
18
GPIO
22
GPIO
21
GPIO
24
CC2
1
CC1
2
RD1
3
VCONN1
5
VCONN2
4
SWD_IO
11
SWD_CLK
12
GPIO
14
GPIO
20
GPIO
19
XRES
16
VSS
EPAD
1uF
3.3V
VDDIO
VDDIO
1uF
VBUS_P_CTRL
VBUS_DISCHARGE
Type-C
Receptacle
VBUS
(5-20V)
VBUS_IN
5.0V
5.0V
OPTIONAL
FETS for DFPs
SUPPORTING
VCONN
CC1_VCONN_CTRL
CC2_VCONN_CTRL
VBUS_DISCHARGE
VBUS_P_CTRL
DC/DC
OR
AC-DC
SECONDARY
(5-20V)
GPIO
17
VBUS
VBUS_MON
OPTIONAL VDDIO
SUPPLY. CAN SHORT
TO VDDD IN SINGLE
SUPPLY SYSTEMS
VSEL_1 and VSEL_0
CONTROL THE SECONDARY
SIDE OF AN AC-DC OR A DC-DC
TO SELECT THE VOLTAGE ON
VBUS_IN. AN EXAMPLE IS
SHOWN BELOW:
VSEL_1
VSEL_0
VSEL_1
VSEL_0
390pF
390pF
100k
Ω
10k
Ω
4.7k
Ω
VSEL_1
VSEL_0
VBUS_IN
005V
019V
1015V
1120V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com