Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CCG2 Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # CCG2
Description  USB Type-C Port Controller
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CCG2 Datasheet(HTML) 5 Page - Cypress Semiconductor

  CCG2 Datasheet HTML 1Page - Cypress Semiconductor CCG2 Datasheet HTML 2Page - Cypress Semiconductor CCG2 Datasheet HTML 3Page - Cypress Semiconductor CCG2 Datasheet HTML 4Page - Cypress Semiconductor CCG2 Datasheet HTML 5Page - Cypress Semiconductor CCG2 Datasheet HTML 6Page - Cypress Semiconductor CCG2 Datasheet HTML 7Page - Cypress Semiconductor CCG2 Datasheet HTML 8Page - Cypress Semiconductor CCG2 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 33 page
background image
EZ-PD™ CCG2 Datasheet
Document Number: 001-93912 Rev. *L
Page 5 of 33
USB-PD Subsystem (SS)
EZ-PD CCG2 has a USB-PD subsystem consisting of a USB
Type-C baseband transceiver and physical-layer logic. This
transceiver performs the BMC and the 4b/5b encoding and
decoding functions as well as the 1.2-V front end. This
subsystem integrates the required termination resistors to
identify the role of the EZ-PD CCG2 solution. RA is used to
identify EZ-PD CCG2 as an accessory or an electronically
marked cable. RD is used to identify EZ-PD CCG2 as a UFP in
a hybrid cable or a dongle. When configured as a DFP, integrated
current sources perform the role of RP or pull-up resistors. These
current sources can be programmed to indicate the complete
range of current capacity on VBUS defined in the Type-C spec.
EZ-PD CCG2 responds to all USB-PD communication. The
EZ-PD CCG2 USB-PD sub-system can be configured to
respond to SOP, SOP', or SOP” messaging.
The USB-PD sub-system contains a 8-bit SAR (Successive
Approximation Register) ADC for analog to digital conversions.
The ADC includes a 8-bit DAC and a comparator. The DAC
output forms the positive input of the comparator. The negative
input of the comparator is from a 4-input multiplexer. The four
inputs of the multiplexer are a pair of global analog multiplex
busses an internal bandgap voltage and an internal voltage
proportional to the absolute temperature. All GPIO inputs can be
connected to the global Analog Multiplex Busses through a
switch at each GPIO that can enable that GPIO to be connected
to the mux bus for ADC use. The CC1, CC2 and RD1 pins are
not available to connect to the mux busses.
Figure 2. USB-PD Subsystem
System Resources
Power System
The power system is described in detail in the section Power on
page 9. It provides assurance that voltage levels are as required
for each respective mode and either delay mode entry (on
power-on reset (POR), for example) until voltage levels are as
required for proper function or generate resets (Brown-Out
Detect (BOD)) or interrupts (Low Voltage Detect (LVD)). EZ-PD
CCG2 can operate from three different power sources over the
range of 2.7 to 5.5 V and has three different power modes,
transitions between which are managed by the power system.
EZ-PD CCG2 provides Sleep and Deep Sleep low-power
modes.
Clock System
The clock system for EZ-PD CCG2 consists of the Internal Main
Oscillator (IMO) and the Internal Low-power Oscillator (ILO).
4b5b
Encoder
SOP
Detect
CRC
4b5b
Decoder
Tx_data
from AHB
Rx_data
to AHB
To/ from AHB
vref
iref
VDDD
To/From system Resources
SOP
Insert
8-bit ADC
From AMUX
CC detect
VConn2 detect
VConn1 detect
TX
RX
CC2
CC1
Ref
8kV IEC ESD
VCONN
Detect
Ra
Ra
Enable
Logic
8kV IEC ESD
Active
Rd
Rp
RD1
DB
Rd
Comp
Ra Enable
CC control
Enable Logic
TxRx Enable
BMC
Decoder
BMC
Encoder
Digital Baseband PHY
Analog Baseband PHY
VCONN power logic
VCONN2
VCONN1
Deep Sleep
Vref & Iref Gen
vref, iref
Tx
SRAM
Rx
SRAM
Deep Sleep Reference Enable
Functional, Wakeup Interrupts
VDDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com