Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CCG2 Datasheet(PDF) 17 Page - Cypress Semiconductor

Part # CCG2
Description  USB Type-C Port Controller
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CCG2 Datasheet(HTML) 17 Page - Cypress Semiconductor

Back Button CCG2 Datasheet HTML 13Page - Cypress Semiconductor CCG2 Datasheet HTML 14Page - Cypress Semiconductor CCG2 Datasheet HTML 15Page - Cypress Semiconductor CCG2 Datasheet HTML 16Page - Cypress Semiconductor CCG2 Datasheet HTML 17Page - Cypress Semiconductor CCG2 Datasheet HTML 18Page - Cypress Semiconductor CCG2 Datasheet HTML 19Page - Cypress Semiconductor CCG2 Datasheet HTML 20Page - Cypress Semiconductor CCG2 Datasheet HTML 21Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 33 page
background image
EZ-PD™ CCG2 Datasheet
Document Number: 001-93912 Rev. *L
Page 17 of 33
Electrical Specifications
Absolute Maximum Ratings
Table 1. Absolute Maximum Ratings[1]
Parameter
Description
Min
Typ
Max
Units
Details/Conditions
VDDD_MAX
Digital supply relative to VSS
–0.5
–
6
V
Absolute max
VCONN1_MAX
Max supply voltage relative to VSS
–
–
6
V
Absolute max
VCONN2_MAX
Max supply voltage relative to VSS
–
–
6
V
Absolute max
VDDIO_MAX
Max supply voltage relative to VSS
–
–
6
V
Absolute max
VGPIO_ABS
GPIO voltage
–0.5
–
VDDIO + 0.5
V
Absolute max
VCC_ABS
Absolute max voltage for CC1 and
CC2 pins
–
–
6
V
Absolute max
IGPIO_ABS
Maximum current per GPIO
–25
–
25
mA
Absolute max
IGPIO_injection
GPIO injection current, Max for
VIH > VDDD, and Min for VIL < VSS
–0.5
–
0.5
mA
Absolute max, current
injected per pin
ESD_HBM
Electrostatic discharge human
body model
2200
–
–
V
–
ESD_CDM
Electrostatic discharge charged
device model
500
–
–
V
–
LU
Pin current for latch-up
–200
–
200
mA
–
ESD_IEC_CON
Electrostatic discharge
IEC61000-4-2
8000
–
–
V
Contact discharge on
CC1, CC2, VCONN1, and
VCONN2 pins
ESD_IEC_AIR
Electrostatic discharge
IEC61000-4-2
15000
–
–
V
Air discharge for pins
CC1, CC2, VCONN1, and
VCONN2
Note
1. Usage above the absolute maximum conditions listed in Table 1 may cause permanent damage to the device. Exposure to absolute maximum conditions for extended
periods of time may affect device reliability. The maximum storage temperature is 150 °C in compliance with JEDEC Standard JESD22-A103, High Temperature
Storage Life. When used below absolute maximum conditions but above normal operating conditions, the device may not operate to specification.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com