Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CCG2 Datasheet(PDF) 22 Page - Cypress Semiconductor

Part # CCG2
Description  USB Type-C Port Controller
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CCG2 Datasheet(HTML) 22 Page - Cypress Semiconductor

Back Button CCG2 Datasheet HTML 18Page - Cypress Semiconductor CCG2 Datasheet HTML 19Page - Cypress Semiconductor CCG2 Datasheet HTML 20Page - Cypress Semiconductor CCG2 Datasheet HTML 21Page - Cypress Semiconductor CCG2 Datasheet HTML 22Page - Cypress Semiconductor CCG2 Datasheet HTML 23Page - Cypress Semiconductor CCG2 Datasheet HTML 24Page - Cypress Semiconductor CCG2 Datasheet HTML 25Page - Cypress Semiconductor CCG2 Datasheet HTML 26Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 33 page
background image
EZ-PD™ CCG2 Datasheet
Document Number: 001-93912 Rev. *L
Page 22 of 33
Memory
Table 14. Fixed SPI Master Mode AC Specifications
(Guaranteed by Characterization)
Spec ID
Parameter
Description
Min
Typ
Max
Units
Details/Conditions
SID167
TDMO
MOSI Valid after SClock driving
edge
–
–
15
ns
Guaranteed by
characterization
SID168
TDSI
MISO Valid before SClock
capturing edge
20
–
–
ns
Full clock, late MISO
sampling.Guaranteed
by characterization
SID169
THMO
Previous MOSI data hold time
0
–
–
ns
Referred to Slave
capturing edge.
Guaranteed by
characterization
Table 15. Fixed SPI Slave Mode AC Specifications
(Guaranteed by Characterization)
Spec ID
Parameter
Description
Min
Typ
Max
Units
Details/Conditions
SID170
TDMI
MOSI Valid before Sclock
Capturing edge
40
–
–
ns
Guaranteed by
characterization
SID171
TDSO
MISO Valid after Sclock driving
edge
–
–
42 + 3 * TCPU
ns
TCPU = 1/FCPU.
Guaranteed by
characterization.
SID171A
TDSO_EXT
MISO Valid after Sclock driving
edge in Ext Clk mode
–
–
48
ns
Guaranteed by
characterization
SID172
THSO
Previous MISO data hold time
0
–
–
ns
Guaranteed by
characterization
SID172A
TSSELSCK
SSEL Valid to first SCK Valid edge
100
–
–
ns
Guaranteed by
characterization
Table 16. Flash AC Specifications
Spec ID
Parameter
Description
Min
Typ
Max
Units
Details/Conditions
SID.MEM#4
TROWWRITE[3]
Row (block) write time (erase and
program)
–
–
20
ms
Row (block) =
128 bytes
SID.MEM#3
TROWERASE[3]
Row erase time
–
–
13
ms
–
SID.MEM#8
TROWPROGRAM[3] Row program time after erase
–
–
7
ms
–
SID178
TBULKERASE[3]
Bulk erase time (32 KB)
–
–
35
ms
–
SID180
TDEVPROG[3]
Total device program time
–
–
7.5
seconds
Guaranteed by
characterization
SID181
FEND
Flash endurance
100 K
–
–
cycles
Guaranteed by
characterization
SID182
FRET1
Flash retention. TA  55 °C, 100 K
P/E cycles
20
–
–
years
Guaranteed by
characterization
SID182A
FRET2
Flash retention. TA  85 °C, 10 K
P/E cycles
10
–
–
years
Guaranteed by
characterization
Note
3. It can take as much as 20 milliseconds to write to Flash. During this time the device should not be Reset, or Flash operations will be interrupted and cannot be relied
on to have completed. Reset sources include the XRES pin, software resets, CPU lockup states and privilege violations, improper power supply levels, and watchdogs.
Make certain that these are not inadvertently activated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com