Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CCG2 Datasheet(PDF) 23 Page - Cypress Semiconductor

Part # CCG2
Description  USB Type-C Port Controller
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CCG2 Datasheet(HTML) 23 Page - Cypress Semiconductor

Back Button CCG2 Datasheet HTML 19Page - Cypress Semiconductor CCG2 Datasheet HTML 20Page - Cypress Semiconductor CCG2 Datasheet HTML 21Page - Cypress Semiconductor CCG2 Datasheet HTML 22Page - Cypress Semiconductor CCG2 Datasheet HTML 23Page - Cypress Semiconductor CCG2 Datasheet HTML 24Page - Cypress Semiconductor CCG2 Datasheet HTML 25Page - Cypress Semiconductor CCG2 Datasheet HTML 26Page - Cypress Semiconductor CCG2 Datasheet HTML 27Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 33 page
background image
EZ-PD™ CCG2 Datasheet
Document Number: 001-93912 Rev. *L
Page 23 of 33
System Resources
Power-on-Reset (POR) with Brown Out
SWD Interface
Internal Main Oscillator
Table 17. Imprecise Power On Reset (PRES)
Spec ID
Parameter
Description
Min
Typ
Max
Units
Details/Conditions
SID185
VRISEIPOR
Rising trip voltage
0.80
–
1.50
V
Guaranteed by
characterization
SID186
VFALLIPOR
Falling trip voltage
0.75
–
1.4
V
Guaranteed by
characterization
Table 18. Precise Power On Reset (POR)
Spec ID
Parameter
Description
Min
Typ
Max
Units
Details/Conditions
SID190
VFALLPPOR
BOD trip voltage in active and
sleep modes
1.48
–
1.62
V
Guaranteed by
characterization
SID192
VFALLDPSLP
BOD trip voltage in Deep Sleep
1.1
–
1.5
V
Guaranteed by
characterization
Table 19. SWD Interface Specifications
Spec ID
Parameter
Description
Min
Typ
Max
Units
Details/Conditions
SID.SWD#1 F_SWDCLK1
3.3 V
 VDDIO  5.5 V
–
–
14
MHz
SWDCLK ≤ 1/3 CPU
clock frequency
SID.SWD#2 F_SWDCLK2
1.8 V
 VDDIO  3.3 V
–
–
7
MHz
SWDCLK ≤ 1/3 CPU
clock frequency
SID.SWD#3 T_SWDI_SETUP T = 1/f SWDCLK
0.25*T
–
–
ns
Guaranteed by
characterization
SID.SWD#4 T_SWDI_HOLD
T = 1/f SWDCLK
0.25*T
–
–
ns
Guaranteed by
characterization
SID.SWD#5 T_SWDO_VALID T = 1/f SWDCLK
–
–
0.5 * T
ns
Guaranteed by
characterization
SID.SWD#6 T_SWDO_HOLD T = 1/f SWDCLK
1
–
–
ns
Guaranteed by
characterization
Table 20. IMO DC Specifications
(Guaranteed by Design)
Spec ID
Parameter
Description
Min
Typ
Max
Units
Details/Conditions
SID218
IIMO
IMO operating current at 48 MHz
–
–
1000
µA–
Table 21. IMO AC Specifications
Spec ID
Parameter
Description
Min
Typ
Max
Units
Details/Conditions
SID.CLK#13 FIMOTOL
Frequency variation at 24, 36,
and 48 MHz (trimmed)
–
–
±2
%
–
SID226
TSTARTIMO
IMO startup time
–
–
7
µs
Guaranteed by
characterization
SID229
TJITRMSIMO
RMS jitter at 48 MHz
–
145
–
ps
Guaranteed by
characterization
FIMO
–
IMO frequency
24
–
48
MHz
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com