Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CCG2 Datasheet(PDF) 26 Page - Cypress Semiconductor

Part # CCG2
Description  USB Type-C Port Controller
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CCG2 Datasheet(HTML) 26 Page - Cypress Semiconductor

Back Button CCG2 Datasheet HTML 22Page - Cypress Semiconductor CCG2 Datasheet HTML 23Page - Cypress Semiconductor CCG2 Datasheet HTML 24Page - Cypress Semiconductor CCG2 Datasheet HTML 25Page - Cypress Semiconductor CCG2 Datasheet HTML 26Page - Cypress Semiconductor CCG2 Datasheet HTML 27Page - Cypress Semiconductor CCG2 Datasheet HTML 28Page - Cypress Semiconductor CCG2 Datasheet HTML 29Page - Cypress Semiconductor CCG2 Datasheet HTML 30Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 33 page
background image
EZ-PD™ CCG2 Datasheet
Document Number: 001-93912 Rev. *L
Page 26 of 33
Ordering Information
The EZ-PD CCG2 part numbers and features are listed in Table 27.
Ordering Code Definitions
Table 27. EZ-PD CCG2 Ordering Information
Part Number
Application
Type-C Ports Termination Resistor
Role
Package
CYPD2103-20FNXIT
Cable
1
RA[4]
Cable
20-ball CSP
CYPD2103-14LHXIT
Cable
1
RA[4]
Cable
14-pin DFN
CYPD2104-20FNXIT
Accessory
1
RD[5]
Accessory
20-ball CSP
CYPD2105-20FNXIT
Active Cable
1
RA[4]
Active Cable
20-ball CSP
CYPD2119-24LQXIT
C-DP
1
RD[5]
UFP
24-pin QFN
CYPD2120-24LQXIT
C-HDMI
1
RD[5]
UFP
24-pin QFN
CYPD2121-24LQXIT
Dock/Monitor Upstream port
1
RP[6], RD[5]
DRP
24-pin QFN
CYPD2122-20FNXIT
Tablet
1
RP[6]
, RD
[5]
DRP
20-ball CSP
CYPD2122-24LQXI
Notebook
1
RP[6], RD[5]
DRP
24-pin QFN
CYPD2122-24LQXIT
Notebook
1
RP[6], RD[5]
DRP
24-pin QFN
CYPD2125-24LQXIT
Dock/Monitor Downstream port
1
RP[6]
DFP
24-pin QFN
CYPD2134-24LQXIT
DFP
1
RP[6]
DFP
24-pin QFN
CYPD2134-24LQXQT
DFP
1
RP[6]
DFP
24-pin QFN
T = Tape and Reel
Temperature Grade:
I = Industrial (
40 °C to 85 °C), Q = Extended Industrial (40 °C to105 °C)
Pb-free
Package Type: XX = FN, LH or LQ
FN = CSP; LH = DFN; LQ = QFN
Number of pins in the package: XX = 14, 20, or 24
Device Role: Unique combination of role and termination:
X = 0 or 1 or 2 or 3 or 4 or 5 or 9
Feature: Unique Applications:
X = 0 or 1 or 2 or 3
Number of Type-C Ports: 1 = 1 Port
Product Type: 2 = Second-generation product family, CCG2
Marketing Code: PD = Power Delivery product family
Company ID: CY = Cypress
CY
XX
PD
2
1
X
XX
-
I
X
X
T
Notes
4. Termination resistor denoting an EMCA.
5. Termination resistor denoting an accessory or upstream facing port.
6. Termination resistor denoting a downstream facing port.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com