Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CCG2 Datasheet(PDF) 20 Page - Cypress Semiconductor

Part # CCG2
Description  USB Type-C Port Controller
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CCG2 Datasheet(HTML) 20 Page - Cypress Semiconductor

Back Button CCG2 Datasheet HTML 16Page - Cypress Semiconductor CCG2 Datasheet HTML 17Page - Cypress Semiconductor CCG2 Datasheet HTML 18Page - Cypress Semiconductor CCG2 Datasheet HTML 19Page - Cypress Semiconductor CCG2 Datasheet HTML 20Page - Cypress Semiconductor CCG2 Datasheet HTML 21Page - Cypress Semiconductor CCG2 Datasheet HTML 22Page - Cypress Semiconductor CCG2 Datasheet HTML 23Page - Cypress Semiconductor CCG2 Datasheet HTML 24Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 33 page
background image
EZ-PD™ CCG2 Datasheet
Document Number: 001-93912 Rev. *L
Page 20 of 33
XRES
Digital Peripherals
The following specifications apply to the Timer/Counter/PWM peripherals in the Timer mode.
Pulse Width Modulation (PWM) for GPIO Pins
Table 5. I/O AC Specifications
(Guaranteed by Characterization)
Spec ID
Parameter
Description
Min
Typ
Max
Units
Details/Conditions
SID70
TRISEF
Rise time
2
–
12
ns
3.3-V VDDIO, Cload = 25 pF
SID71
TFALLF
Fall time
2
–
12
ns
3.3-V VDDIO, Cload = 25 pF
Table 6. XRES DC Specifications
Spec ID
Parameter
Description
Min
Typ
Max
Units
Details/Conditions
SID.XRES#1
VIH
Input voltage HIGH threshold
0.7 ×
VDDIO
––
V
CMOS input
SID.XRES#2
VIL
Input voltage LOW threshold
–
–
0.3 ×
VDDIO
VCMOS input
SID.XRES#3
CIN
Input capacitance
–
–
7
pF
Guaranteed by
characterization
SID.XRES#4
VHYSXRES
Input voltage hysteresis
–
–
0.05 ×
VDDIO
mV Guaranteed by characterization
Table 7. PWM AC Specifications
(Guaranteed by Characterization)
Spec ID
Parameter
Description
Min
Typ
Max
Units
Details/Conditions
SID.TCPWM.3
TCPWMFREQ Operating frequency
–
Fc
–
MHz
Fc max = CLK_SYS. Maximum
= 48 MHz.
SID.TCPWM.4
TPWMENEXT Input trigger pulse width
–
2/Fc
–
ns
For all Trigger Events
SID.TCPWM.5
TPWMEXT
Output trigger pulse width
–
2/Fc
–
ns
Minimum possible width of
Overflow, Underflow, and CC
(Counter equals Compare
value) outputs
SID.TCPWM.5A
TCRES
Resolution of counter
–
1/Fc
–
ns
Minimum time between
successive counts
SID.TCPWM.5B
PWMRES
PWM resolution
–
1/Fc
–
ns
Minimum pulse width of PWM
output
SID.TCPWM.5C QRES
Quadrature inputs resolution
–
1/Fc
–
ns
Minimum pulse width between
quadrature-phase inputs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com