Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CCG2 Datasheet(PDF) 11 Page - Cypress Semiconductor

Part # CCG2
Description  USB Type-C Port Controller
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CCG2 Datasheet(HTML) 11 Page - Cypress Semiconductor

Back Button CCG2 Datasheet HTML 7Page - Cypress Semiconductor CCG2 Datasheet HTML 8Page - Cypress Semiconductor CCG2 Datasheet HTML 9Page - Cypress Semiconductor CCG2 Datasheet HTML 10Page - Cypress Semiconductor CCG2 Datasheet HTML 11Page - Cypress Semiconductor CCG2 Datasheet HTML 12Page - Cypress Semiconductor CCG2 Datasheet HTML 13Page - Cypress Semiconductor CCG2 Datasheet HTML 14Page - Cypress Semiconductor CCG2 Datasheet HTML 15Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 33 page
background image
EZ-PD™ CCG2 Datasheet
Document Number: 001-93912 Rev. *L
Page 11 of 33
Figure 8. Passive EMCA Application – Single EZ-PD CCG2 Per Plug
Figure 9 shows a CCG2 device being used in a UFP application (tablet with a Type-C port) only as a power consumer.
The Type-C receptacle brings in HighSpeed and SuperSpeed lines, which are connected directly to the applications processor. The
VBUS line from the Type-C receptacle goes directly to the UFP (tablet) charger circuitry. The applications processor communicates
over the I2C signal with the CCG2 device, and the CC1 and CC2 lines from the Type-C receptacle are connected directly to the
respective CC1/2 pins of the CCG2 device.
Figure 9. Upstream Facing Port (UFP) Application – Tablet with a Type-C Port
VCONN
VBUS
CC
Type-C
Plug
Type-C
Plug
VCONN
GND
SuperSpeed and HighSpeed Lines
CCG2
VDDD
E3
1uF
A1
VCCD
VSS
C1
XRES
B1
SWD_
IO
SWD_
CLK
E2
D1
I2C_0
_SCL
I2C_0
_SDA
A3
A2
B4
CC1
GPIO
GPIO
D3
C2
CC2
A4
E4
VCONN1
C4
VCONN2
VDDIO
E1
1uF
0.1uF
RD1
B3
VSS
D4
GPIO
D2
GPIO
B2
GPIO
C3
CCG2
VDDD
E3
1uF
A1
VCCD
VSS
C1
XRES
B1
SWD_
IO
SWD_
CLK
E2
D1
I2C_0
_SCL
I2C_0
_SDA
A3
A2
B4
CC1
GPIO
GPIO
D3
C2
CC2
A4
C4
VCONN2
E4
VCONN1
VDDIO
E1
1uF
0.1uF
RD1
B3
VSS
D4
GPIO
D2
GPIO
B2
GPIO
C3
VDDIO
VDDIO
4.7k
4.7k
VBUS
Application
Processor
Type-C
Receptacle
HighSpeed Lines
CCG2
VDDD
E3
I2C_0_SDA
A2
GPIO
C3
VCCD
XRES
A1
B1
VSS
VSS
D4
C1
B4
CC1
GPIO
GPIO
D3
C2
CC2
A4
E4
VCONN1
VDDIO
E1
1uF
RD1
B3
I2C_0_SCL
A3
GPIO
D2
GPIO
B2
SWD_IO
E2
1uF
SWD_CLK
D1
C4
VCONN2
1uF
5.0 V
1.8 V
Charger
Application
Processor/
Graphics
Controller
SuperSpeed Lines
1.8 V
INT
1.8 V
4.7 k
Ω
4.7 k
Ω
4.7 k
Ω
390 pF
390 pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com