Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CCG2 Datasheet(PDF) 32 Page - Cypress Semiconductor

Part # CCG2
Description  USB Type-C Port Controller
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CCG2 Datasheet(HTML) 32 Page - Cypress Semiconductor

Back Button CCG2 Datasheet HTML 25Page - Cypress Semiconductor CCG2 Datasheet HTML 26Page - Cypress Semiconductor CCG2 Datasheet HTML 27Page - Cypress Semiconductor CCG2 Datasheet HTML 28Page - Cypress Semiconductor CCG2 Datasheet HTML 29Page - Cypress Semiconductor CCG2 Datasheet HTML 30Page - Cypress Semiconductor CCG2 Datasheet HTML 31Page - Cypress Semiconductor CCG2 Datasheet HTML 32Page - Cypress Semiconductor CCG2 Datasheet HTML 33Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 32 / 33 page
background image
EZ-PD™ CCG2 Datasheet
Document Number: 001-93912 Rev. *L
Page 32 of 33
Document History Page
Description Title: EZ-PD™ CCG2 Datasheet USB Type-C Port Controller
Document Number: 001-93912
Revision
ECN
Orig. of
Change
Submission
Date
Description of Change
*E
4680071
GAYA
03/07/2015 Release to web
*F
4718374
AKN
04/09/2015 Added 24-pin QFN pin and package information.
Added DRP and DFP Application diagrams
*G
4774142
AKN
06/15/2015
Changed datasheet status from Preliminary to Final.
Updated Logic Block Diagram.
Changed number of GPIOs to 10 and added a note about the number of GPIOs
varying depending on the package.
Updated Power and Digital Peripherals section.
Updated Application diagrams.
Added SID.PWR#1_A parameter.
Added CYPD2122-20FNXIT part in Ordering Information.
Removed Errata.
*H
4979175
VGT
10/23/2015
Updated Figure 1 and Figure 5.
Added VCC_ABS spec and updated the SID.ADC.4 parameter.
Added “Guaranteed by characterization” note for the following specs:
SID.GIO#16, SID.GIO#17, SID.XRES#3, SID 160 to SID 172A, SID 2226, SID
229, SID.ADC.1 to SID.ADC.5.
*I
5028128
VGT
12/04/2015
Updated Application Diagrams:
Added Figure 12.
Added Figure 13.
Added Figure 14.
Updated Ordering Information.
Added part numbers CYPD2119-24LQXIT, CYPD2120-24LQXIT,
CYPD2121-24LQXIT, CYPD2125-24LQXIT.
*J
5186972
VGT
03/28/2016
Updated temperature ranges in Features.
Updated Table 28.
Updated Ordering Information.
*K
5303957
VGT
06/13/2016
Added Available Firmware and Software Tools.
Updated Figure 8: Per the USB PD3.0 spec, SOP” implementation is no longer
valid for passive cables.
Updated Figure 9, Figure 10, and Figure 11.
Added descriptive notes for the application diagrams.
Added References and Links To Applications Collaterals.
Updated Ordering Information.
Updated Cypress logo and copyright information.
*L
5387677
VGT
08/02/2016 Added CYPD2122-24LQXI part number in Ordering Information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com