Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5220-DS03-R Datasheet(PDF) 36 Page - Broadcom Corporation.

Part # 5220-DS03-R
Description  10/100BASE-TX/FX Mini Transceiver
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

5220-DS03-R Datasheet(HTML) 36 Page - Broadcom Corporation.

Back Button 5220-DS03-R Datasheet HTML 32Page - Broadcom Corporation. 5220-DS03-R Datasheet HTML 33Page - Broadcom Corporation. 5220-DS03-R Datasheet HTML 34Page - Broadcom Corporation. 5220-DS03-R Datasheet HTML 35Page - Broadcom Corporation. 5220-DS03-R Datasheet HTML 36Page - Broadcom Corporation. 5220-DS03-R Datasheet HTML 37Page - Broadcom Corporation. 5220-DS03-R Datasheet HTML 38Page - Broadcom Corporation. 5220-DS03-R Datasheet HTML 39Page - Broadcom Corporation. 5220-DS03-R Datasheet HTML 40Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 90 page
background image
BCM5220
Preliminary Data Sheet
04/20/04
Broa d c om Co rp o r a t i o n
Page 24
Media Independent Interface (MII) Management Interface: Register Programming
Document
5220-DS04-405-R
MII CONTROL REGISTER
The MII control register bit descriptions are shown in Table 9.
Reset
To reset the BCM5220 by software control, a 1 must be written to bit 15 of the Control register using an MII write operation.
The bit clears itself after the reset process is complete, and need not be cleared using a second MII write. Writes to other
Control register bits have no effect until the reset process is completed, which requires approximately 1 microsecond. Writing
a 0 to this bit has no effect. Since this bit is self-clearing, after a few cycles from a write operation, it returns a 0 when read.
Loopback
The BCM5220 may be placed into loopback mode by writing a 1 to bit 14 of the Control register. Clear the loopback mode
by writing a 0 to bit 14 of the control register, or by resetting the chip. When this bit is read, it returns a 1 when the chip is in
loopback mode, otherwise it returns a 0.
Forced Speed Selection
If auto-negotiation is enabled (both auto-negotiation pin and bit are enabled) or disabled by hardware control (auto-
negotiation pin is pulled-low), this bit has no effect on the speed selection. However, if auto-negotiation is disabled by
software control, the operating speed of the BCM5220 can be forced by writing the appropriate value to bit 13 of the Control
register. Writing a 1 to this bit forces 100BASE-X operation, while writing a 0 forces 10BASE-T operation. When this bit is
read, it returns the value of the software-controlled forced speed selection only. To read the overall state of forced speed
selection, including both hardware and software control, use bit 2 of the Auxiliary Control register (18h).
Table 9: MII Control Register (Address 00000b, 0d, 00h)
Bit
Name
R/W
Description
Default
15
Soft Reset
R/W
(SC)
1 = PHY reset
0 = Normal operation
0
14
Loopback
R/W
1 = Loopback mode
0 = Normal operation
0
13
Forced Speed Selection
R/W
1 = 100 Mbps
0 = 10 Mbps
1
12
Auto-Negotiation Enable
R/W
1 = Auto-negotiation enable
0 = Auto-negotiation disable
1
11
Power Down
RO
0 = Normal operation
0
10
Reserveda
R/W
-
0
9
Restart Auto-Negotiation
R/W
(SC)
1 = Restart Auto-negotiation process
0 = Normal operation
0
8
Duplex Mode
R/W
1 = Full-duplex
0 = Half-duplex
0
7
Reserveda
a. Preserve existing values of reserved bits by completing a “Read/Modify Write.”
--
0
6:0
Reserveda
--
0
Note: R/W = Read/Write, RO = Read only, SC = Self Clear, LL = latched low, LH = latched high (LL and LH are cleared
after read operation)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com