Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5220-DS03-R Datasheet(PDF) 87 Page - Broadcom Corporation.

Part # 5220-DS03-R
Description  10/100BASE-TX/FX Mini Transceiver
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

5220-DS03-R Datasheet(HTML) 87 Page - Broadcom Corporation.

Back Button 5220-DS03-R Datasheet HTML 82Page - Broadcom Corporation. 5220-DS03-R Datasheet HTML 83Page - Broadcom Corporation. 5220-DS03-R Datasheet HTML 84Page - Broadcom Corporation. 5220-DS03-R Datasheet HTML 85Page - Broadcom Corporation. 5220-DS03-R Datasheet HTML 86Page - Broadcom Corporation. 5220-DS03-R Datasheet HTML 87Page - Broadcom Corporation. 5220-DS03-R Datasheet HTML 88Page - Broadcom Corporation. 5220-DS03-R Datasheet HTML 89Page - Broadcom Corporation. 5220-DS03-R Datasheet HTML 90Page - Broadcom Corporation.  
Zoom Inzoom in Zoom Outzoom out
 87 / 90 page
background image
Preliminary Data Sheet
BCM5220
04/20/04
Broa d c om Co rp o r a t i o n
Document
5220-DS04-405-R
Auxiliary Status 4 Register (Shadow Register)
Page 75
Se cti on 10 : Me ch an ic al In fo r m a ti on
Figure 19: 64-Pin TQFP 10mm Package (BCM5220 KPT)
seating
plane
A
A1
A2
L
b
e
r 1
θ2
r 2
θ1
c
1. Drawings on this page are not to scale
2. All dimensions are in millimeters except where noted
3. Foot length "L" is measured at gage plane, 0.25mm above the seating plane
4. Seating plane is defined by three lowest lead tips
64-pin detail TQFP 10mm
θ3
θ4
h
Millimeter
Symbol
Min
Nom
Max
A
A1
A2
D
D1
E
E1
L
e
b
c
0.05
1.35
11.80
9.90
11.80
0.50
0.50
0.17
0.22
0.27
0.60
0.75
12.00
12.20
10.00
10.10
12.00
12.20
1.40
1.45
0.15
1.60
0.17
h
0.08
r
r
0.20
0.20
3
θ
1
θ
2
θ
4
θ
°
2
°
0
°
6
°
7
°
12
°
12
°
10
Notes:
1
2
9.90
10.00
10.10
D1
D
E1
E
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com