Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5220-DS03-R Datasheet(PDF) 55 Page - Broadcom Corporation.

Part # 5220-DS03-R
Description  10/100BASE-TX/FX Mini Transceiver
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

5220-DS03-R Datasheet(HTML) 55 Page - Broadcom Corporation.

Back Button 5220-DS03-R Datasheet HTML 51Page - Broadcom Corporation. 5220-DS03-R Datasheet HTML 52Page - Broadcom Corporation. 5220-DS03-R Datasheet HTML 53Page - Broadcom Corporation. 5220-DS03-R Datasheet HTML 54Page - Broadcom Corporation. 5220-DS03-R Datasheet HTML 55Page - Broadcom Corporation. 5220-DS03-R Datasheet HTML 56Page - Broadcom Corporation. 5220-DS03-R Datasheet HTML 57Page - Broadcom Corporation. 5220-DS03-R Datasheet HTML 58Page - Broadcom Corporation. 5220-DS03-R Datasheet HTML 59Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 90 page
background image
Preliminary Data Sheet
BCM5220
04/20/04
Broa d c om Co rp o r a t i o n
Document
5220-DS04-405-R
Auxiliary Control/Status Register
Page 43
AUXILIARY CONTROL/STATUS REGISTER
The Auxiliary Control/Status register bit descriptions are shown in Table 23.
Jabber Disable
10BASE-T operation only. Bit 15 of the Auxiliary Control register allows the user to disable the jabber detect function, defined
in the IEEE standard. This function shuts off the transmitter when a transmission request has exceeded a maximum time
limit. By writing a 1 to bit 15 of the Auxiliary Control register, the jabber detect function is disabled. Writing a 0 to this bit or
resetting the chip restores normal operation. Reading this bit returns the value of jabber detect disable.
Link Force
Writing a 1 to bit 14 of the Auxiliary Control register allows the user to disable the Link Integrity state machines, and place
the BCM5220 into forced link pass status. Writing a 0 to this bit or resetting the chip restores the Link Integrity functions.
Reading this bit returns the value of the force link bit.
HSQ and LSQ
Extend or decrease the squelch levels for detection of incoming 10BASE-T data packets. The default squelch levels
implemented are those defined in the IEEE standard. The high-and low-squelch levels are useful for situations where the
IEEE-prescribed levels are inadequate. The squelch levels are used by the CRS/LINK block to filter out noise and recognize
only valid packet preambles and link integrity pulses. Extending the squelch levels allows the BCM5220 to operate properly
Table 23: Auxiliary Control/Status Register (Address 24d, 18h)
Bit
Name
R/W
Description
Default
15
Jabber Disable
R/W
1 = Jabber function disabled
0 = Jabber function enabled
0
14
Force Link
R/W
1 = Force 10BASE-T link pass
0 = Normal 10BASE-T link operation
0
13:8
Reserveda
a. Preserve existing values of reserved bits by completing a “Read/Modify Write.”
RO
Ignore when read
000000
7:6
HSQ : LSQ
R/W
These two bits define the squelch mode of the
10BASE-T Carrier Sense mechanism
00 = Normal Squelch
01 = Low Squelch
10 = High Squelch
11 = Not Allowed
00
5:4
Edge Rate [1:0]
R/W
00 = 1 ns
01 = 2 ns
10 = 3 ns
11 = 4 ns
11
3
Auto-Negotiation Indication
RO
1 = Auto-negotiation activated
0 = Speed forced manually
ANEN Pin
2
Force 100/10 Indication
RO
1 = Speed forced to 100BASE-X
0 = Speed forced to 10BASE-T
F100 Pin
1
Speed Indication
RO
1 = 100BASE-X
0 = 10BASE-T
0
Full-Duplex Indication
RO
1 = Full-duplex active
0 = Full-duplex not active
FDX Pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com