Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5220-DS03-R Datasheet(PDF) 20 Page - Broadcom Corporation.

Part # 5220-DS03-R
Description  10/100BASE-TX/FX Mini Transceiver
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

5220-DS03-R Datasheet(HTML) 20 Page - Broadcom Corporation.

Back Button 5220-DS03-R Datasheet HTML 16Page - Broadcom Corporation. 5220-DS03-R Datasheet HTML 17Page - Broadcom Corporation. 5220-DS03-R Datasheet HTML 18Page - Broadcom Corporation. 5220-DS03-R Datasheet HTML 19Page - Broadcom Corporation. 5220-DS03-R Datasheet HTML 20Page - Broadcom Corporation. 5220-DS03-R Datasheet HTML 21Page - Broadcom Corporation. 5220-DS03-R Datasheet HTML 22Page - Broadcom Corporation. 5220-DS03-R Datasheet HTML 23Page - Broadcom Corporation. 5220-DS03-R Datasheet HTML 24Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 90 page
background image
BCM5220
Preliminary Data Sheet
04/20/04
Broa d c om Co rp o r a t i o n
Page 8
MII Management
Document
5220-DS04-405-R
C6
49
RXDV
O3S
MII Receive Data Valid. Active high. Indicates that a receive
frame is in progress, and that the data stream present on the
RXD output pins is valid.
A8
51
RXER
O3S
MII Receive Error Detected. Active high. Indicates that an error
is occurring during a receive frame.
A3
62
CRS/
CRS_DV
O3S
MII Carrier Sense. Active high. Indicates traffic on link. In
100BASE-X modes, CRS is asserted when a non-idle condition
is detected in the receive data stream and deasserted when idle
or a valid end of stream delimiter is detected. In 10BASE-T
mode, CRS is asserted when a valid preamble is detected and
deasserted when end-of-file or an idle condition is detected. CRS
is also asserted during transmission of packets except in full-
duplex modes. CRS is an asynchronous output signal.
B3
61
COL
O3S
Collision Detect. In half-duplex modes, active high output
indicates that a collision has occurred. In full-duplex mode, COL
remains low. COL is an asynchronous output signal.
E6
41
MDIO
I/OPU
Management Data I/O. This serial input/output bit is used to read
from and write to the MII registers. The data value on the MDIO
pin is valid and latched on the rising edge of MDC.
D7
42
MDC
IPD
Management Data Clock. The MDC clock input must be
provided to allow MII management functions. Clock frequencies
up to 12.5 MHz are supported.
Mode
D2
9
RESET#
IPU
Reset. Active Low. Resets the BCM5220. Also used to enable
Power Off and Low Power modes.
E3
E2
D3
D5
C4
14
13
12
11
10
PHYAD4
PHYAD3/PAUSE
PHYAD2/
ACT_LED#
PHYAD1/
COL_LED#
PHYAD0/
FDX_LED#
I/OPD
PHY Address Selects PHYAD[4:0]. These inputs set the MII
management PHY address. These pins are sampled only during
power-on reset. During normal operation these pins become
outputs.
PAUSE. Status of the link partner’s PAUSE bit, bit 10d of MII Link
Partner Ability register 05d.
Activity LED. Active low. The activity LED is driven low for
approximately 80 ms each time there is receive or transmit
activity while in the link pass state.
Collision Detect LED. Active low. This is a stretched COL signal
(pin 61) that is suitable for LED display.
Full-Duplex LED. The Full-Duplex LED is driven low when
operating in full-duplex mode and driven high in half-duplex
mode.
F8
39
FDX
IPD
Full-Duplex Mode. When auto-negotiation is disabled, the FDX
pin is logically ORed with register 00, bit 8 to select full-duplex (1)
or half-duplex (0) operation.
Table 3: Pin Descriptions (Cont.)
5220KPB 5220KPT
Pin Label
Type
Description
[MSB:LSB]; # = active-low signal, I = input, O = output, I/O = bidirectional, IPU = input w/ internal pull-up, OOD = open-drain
output, O3S = three-state output, B = Bias, PWR = power supply, GND = ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com