Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5220-DS03-R Datasheet(PDF) 76 Page - Broadcom Corporation.

Part # 5220-DS03-R
Description  10/100BASE-TX/FX Mini Transceiver
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

5220-DS03-R Datasheet(HTML) 76 Page - Broadcom Corporation.

Back Button 5220-DS03-R Datasheet HTML 72Page - Broadcom Corporation. 5220-DS03-R Datasheet HTML 73Page - Broadcom Corporation. 5220-DS03-R Datasheet HTML 74Page - Broadcom Corporation. 5220-DS03-R Datasheet HTML 75Page - Broadcom Corporation. 5220-DS03-R Datasheet HTML 76Page - Broadcom Corporation. 5220-DS03-R Datasheet HTML 77Page - Broadcom Corporation. 5220-DS03-R Datasheet HTML 78Page - Broadcom Corporation. 5220-DS03-R Datasheet HTML 79Page - Broadcom Corporation. 5220-DS03-R Datasheet HTML 80Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 90 page
background image
BCM5220
Preliminary Data Sheet
04/20/04
Broa d c om Co rp o r a t i o n
Page 64
Auxiliary Status 4 Register (Shadow Register)
Document
5220-DS04-405-R
Figure 11: MII 10BASE-T Transmit Start of Packet Timing
Table 42 provides the parameters for MII 10BASE-T receive timing. MII 10BASE-T collision timing is shown in Table 43.
TXC High/Low Time (10BASE-T)
197.5
200
202.5
ns
TXC Rise/Fall Time
2
5
ns
TXC Rising edge to TXEN valid
TXC_TXEN_VALID
25
ns
TXC Rising edge to TXEN hold
TXC_TXEN_HOLD
75
ns
TXC Rising edge to TXD valid
TXC_TXD_VALID
25
ns
TXC Rising edge to TXD hold
TXC_TXD_HOLD
75
ns
TD
± after TXEN Assert
TXEN_TDATA
400
ns
CRS Assert after TXEN Assert
TXEN_CRS
60
ns
CRS Deassert after TXEN Deassert
TXEN_CRS_EOP
60
ns
Idle on Twisted Pair after TXEN De-Assert
(sampled)
TX_QUIET
400
ns
Table 42: MII 10BASE-T Receive Timing
Parameter
Symbol
Min
Typ
Max
Unit
RXC Cycle Time
RXC_CYCLE
400
ns
Table 41: MII 10BASE-T Transmit Timing
Parameter
Symbol
Min
Typ
Max
Unit
Note: TXD, TXEN delivered to the BCM5220 should be generated of the rising edge of TXC.
TXC
TXEN
TXC_TXEN_VALID
TXC_TXEN_HOLD
10Base-T MII Input Latch Point
50 ns
5
TXD
CRS
TXEN_CRS
TXC_TXD_HOLD
TXC_TXD_VALID
400 ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com