Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5220-DS03-R Datasheet(PDF) 47 Page - Broadcom Corporation.

Part # 5220-DS03-R
Description  10/100BASE-TX/FX Mini Transceiver
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

5220-DS03-R Datasheet(HTML) 47 Page - Broadcom Corporation.

Back Button 5220-DS03-R Datasheet HTML 43Page - Broadcom Corporation. 5220-DS03-R Datasheet HTML 44Page - Broadcom Corporation. 5220-DS03-R Datasheet HTML 45Page - Broadcom Corporation. 5220-DS03-R Datasheet HTML 46Page - Broadcom Corporation. 5220-DS03-R Datasheet HTML 47Page - Broadcom Corporation. 5220-DS03-R Datasheet HTML 48Page - Broadcom Corporation. 5220-DS03-R Datasheet HTML 49Page - Broadcom Corporation. 5220-DS03-R Datasheet HTML 50Page - Broadcom Corporation. 5220-DS03-R Datasheet HTML 51Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 90 page
background image
Preliminary Data Sheet
BCM5220
04/20/04
Broa d c om Co rp o r a t i o n
Document
5220-DS04-405-R
MII Status Register
Page 35
AUTO-NEGOTIATION NEXT PAGE REGISTER
Next Page
Indicates whether this is the last next page to be transmitted.
Message Page
Differentiates a Message Page from an Unformatted Page.
Acknowledge 2
Indicates that a device has the ability to comply with the message.
Toggle
Used by the Arbitration function to ensure synchronization with the link partner during next page exchange.
Message Code Field
An 11-bit-wide field encoding 2048 possible messages.
Unformatted Code Field
An 11-bit-wide field, which may contain an arbitrary value.
Table 15: Next Page Transmit Register (Address 07d, 07h)
Bit
Name
R/W
Description
Default
15
Next Page
R/W
1 = Additional next page(s) will follow
0 = Last page
0
14
Reserveda
a. Preserve existing values of reserved bits by completing a “Read/Modify Write.”
R/W
Ignore when read
0
13
Message Page
R/W
1= Message page
0 = Unformatted page
1
12
Acknowledge 2
R/W
1 = Will comply with message
0 = Cannot comply with message
0
11
Toggle
RO
1 = Previous value of the transmitted link code word
equalled logic zero
0 = Previous value of the transmitted link code word
equalled logic one
0
10:0
Message/Unformatted Code
Field
R/W
1
Notes: R/W = Read/Write, RO = Read only, SC = Self Clear, LL = Latched Low, LH = Latched High, LL & LH Clear after
read operation. Use default values of reserved bit(s) when writing to reserved bit(s).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com