Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5220-DS03-R Datasheet(PDF) 84 Page - Broadcom Corporation.

Part # 5220-DS03-R
Description  10/100BASE-TX/FX Mini Transceiver
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

5220-DS03-R Datasheet(HTML) 84 Page - Broadcom Corporation.

Back Button 5220-DS03-R Datasheet HTML 80Page - Broadcom Corporation. 5220-DS03-R Datasheet HTML 81Page - Broadcom Corporation. 5220-DS03-R Datasheet HTML 82Page - Broadcom Corporation. 5220-DS03-R Datasheet HTML 83Page - Broadcom Corporation. 5220-DS03-R Datasheet HTML 84Page - Broadcom Corporation. 5220-DS03-R Datasheet HTML 85Page - Broadcom Corporation. 5220-DS03-R Datasheet HTML 86Page - Broadcom Corporation. 5220-DS03-R Datasheet HTML 87Page - Broadcom Corporation. 5220-DS03-R Datasheet HTML 88Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 90 page
background image
BCM5220
Preliminary Data Sheet
04/20/04
Broa d c om Co rp o r a t i o n
Page 72
Auxiliary Status 4 Register (Shadow Register)
Document
5220-DS04-405-R
VOH
High-Level
Output Voltage
All Digital Outputs
IOH = −12 mA
OVDD-
0.5
V
TD
±
driving loaded
magnetics module
AVDD+1.
5
V
VOL
Low-Level
Output Voltage
All Digital Outputs
IOL = 8 mA
0.4
V
TD
±
driving loaded
magnetics module
AVDD-
1.5
V
VODIFF
Differential
Output Voltage
TD
±
100BASE-FX Mode
400
mV
II
Input Current
Digital Inputs
w/ Pull-Up Resistors
VI = OVDD
+100
µA
VI = DGND
-200
µA
Digital Inputs
w/ Pull-Down
Resistors
VI = OVDD
+200
µA
VI = DGND
-100
µA
All other Digital Inputs
DGND
≤ VI ≤ OVDD
±100
µA
IOZ
High-
Impedance
Output Current
All Three-state
Outputs
DGND
≤ VO ≤
OVDD
µA
All Open-drain
Outputs
VO = OVDD
µA
VBIAS
Bias Voltage
RDAC
1.18
1.30
V
Table 56: Electrical Characteristics (Cont.)
Symbol
Parameter
Pins
Conditions
Min
Typ
Max
Units



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com